công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC3547B bảng dữ liệu(PDF) 7 Page - Linear Technology

tên linh kiện LTC3547B
Giải thích chi tiết về linh kiện  Dual Monolithic 300mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC3547B bảng dữ liệu(HTML) 7 Page - Linear Technology

Back Button LTC3547B Datasheet HTML 3Page - Linear Technology LTC3547B Datasheet HTML 4Page - Linear Technology LTC3547B Datasheet HTML 5Page - Linear Technology LTC3547B Datasheet HTML 6Page - Linear Technology LTC3547B Datasheet HTML 7Page - Linear Technology LTC3547B Datasheet HTML 8Page - Linear Technology LTC3547B Datasheet HTML 9Page - Linear Technology LTC3547B Datasheet HTML 10Page - Linear Technology LTC3547B Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3547B
7
3547bfb
OPERATIO
The LTC3547B uses a constant-frequency current mode
architecture. The operating frequency is set at 2.25MHz.
Both channels share the same clock and run in-phase.
The output voltage is set by an external resistor divider
returned to the VFB pins. An error amplifier compares the
divided output voltage with a reference voltage of 0.6V and
regulates the peak inductor current accordingly.
Main Control Loop
During normal operation, the top power switch (P-channel
MOSFET) is turned on at the beginning of a clock cycle
when the VFB voltage is below the reference voltage. The
current into the inductor and the load increases until the
peak inductor current (controlled by ITH) is reached. The
RS latch turns off the synchronous switch and energy
stored in the inductor is discharged through the bottom
switch (N-channel MOSFET) into the load until the next
clock cycle begins, or until the inductor current begins to
reverse (sensed by the IRCMP comparator).
The peak inductor current is controlled by the internally
compensated ITH voltage, which is the output of the er-
ror amplifier. This amplifier regulates the VFB pin to the
internal 0.6V reference by adjusting the peak inductor
current accordingly.
At very low load currents, the LTC3547B automatically
transitions from constant frequency operation to discon-
tinuous operation, where the regulator begins skipping
pulses. Even though the total power loss decreases with
load, the efficiency of the switching regulator will drop,
because the power delivered to the output becomes very
small. For applications where light load efficiency is a
priority, consider using the LTC3547 instead.
Dropout Operation
When the input supply voltage decreases toward the out-
put voltage the duty cycle increases to 100%, which is the
dropout condition. In dropout, the PMOS switch is turned
on continuously with the output voltage being equal to the
input voltage minus the voltage drops across the internal
P-channel MOSFET and the inductor.
An important design consideration is that the RDS(ON)
of the P-channel switch increases with decreasing input
supply voltage (see Typical Performance Characteristics).
Therefore, the user should calculate the worst-case power
dissipation when the LTC3547B is used at 100% duty cycle
with low input voltage (see Thermal Considerations in the
Applications Information Section).
Soft-Start
In order to minimize the inrush current on the input by-
pass capacitor, the LTC3547B slowly ramps up the output
voltage during start-up. Whenever the RUN1 or RUN2 pin is
pulled high, the corresponding output will ramp from zero
to full-scale over a time period of approximately 650μs. This
prevents the LTC3547B from having to quickly charge the
output capacitor and thus supplying an excessive amount
of instantaneous current.
Short-Circuit Protection
When either regulator output is shorted to ground, the
corresponding internal N-channel switch is forced on for
a longer time period for each cycle in order to allow the
inductor to discharge, thus preventing current runaway.
This technique has the effect of decreasing switching
frequency. Once the short is removed, normal operation
resumes and the regulator output will return to its nominal
voltage.
(Refer to Functional Diagram )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com