công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC3446IDE-PBF bảng dữ liệu(PDF) 2 Page - Linear Technology

tên linh kiện LTC3446IDE-PBF
Giải thích chi tiết về linh kiện  Monolithic Buck Regulator with Dual VLDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC3446IDE-PBF bảng dữ liệu(HTML) 2 Page - Linear Technology

  LTC3446IDE-PBF Datasheet HTML 1Page - Linear Technology LTC3446IDE-PBF Datasheet HTML 2Page - Linear Technology LTC3446IDE-PBF Datasheet HTML 3Page - Linear Technology LTC3446IDE-PBF Datasheet HTML 4Page - Linear Technology LTC3446IDE-PBF Datasheet HTML 5Page - Linear Technology LTC3446IDE-PBF Datasheet HTML 6Page - Linear Technology LTC3446IDE-PBF Datasheet HTML 7Page - Linear Technology LTC3446IDE-PBF Datasheet HTML 8Page - Linear Technology LTC3446IDE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3446
2
3446fd
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, LVIN to GND ......................................... – 0.3V to 6V
MODESEL, ENBUCK, ENLDO1,
ENLDO2 to GND.......................................... –0.3V to 6V
BUCKFB to GND .......................................... –0.3V to 6V
LVFB1, LVFB2 to GND.................................... –0.3V to 6V
ITH to GND ..... –0.3V to the Lesser of (VIN + 0.3V) or 3V
SW to GND......–0.3V to the Lesser of (VIN + 0.3V) or 6V
LVOUT1, LVOUT2
to GND .......... –0.3V to the Lesser of (LVIN + 0.3V) or 6V
PGOOD to GND ............................................ –0.3V to 6V
LVOUT1, LVOUT2 Short-Circuit
to GND Duration............................................... Indefinite
Operating Temperature Range (Note 2)
LTC3446EDE ........................................ –40°C to 85°C
LTC3446IDE ....................................... –40°C to 125°C
Junction Temperature (Note 1) ........................... 125°C
Storage Temperature Range.................. –65°C to 125°C
(Note 1)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SW
ENBUCK
BUCKFB
ENLDO1
LVFB1
LVFB2
ENLDO2
MODESEL
VIN
ITH
PGOOD
LVOUT1
LVIN
LVOUT2
TOP VIEW
DE PACKAGE
14-LEAD (4mm × 3mm) PLASTIC DFN
15
TJMAX = 125°C, θJA = 35°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3446EDE#PBF
LTC3446EDE#TRPBF
3446
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LTC3446IDE#PBF
LTC3446IDE#TRPBF
3446
14-Lead (4mm × 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
(Note 3)
●
2.7
5.5
V
VUVLO
VIN Undervoltage Lockout Threshold
VIN Undervoltage Lockout Hysteresis
VIN Rising
●
2.37
10
2.5
30
V
mV
IQ
VIN Quiescent Current (Note 4)
Buck Enabled Only, Not Sleeping
Buck Enabled Only, Sleeping
One LDO Enabled Only
All Three Outputs Enabled, Buck Not Sleeping
All Three Outputs Enabled, Buck Sleeping
Shutdown
VBUCKFB = 0V, ISW = 0mA
VBUCKFB = 1V, ISW = 0mA
VLVIN = 1.5V, 10μA LDO Output Load
VBUCKFB = 0V, ISW = 0mA, VLVIN = 1.5V,
10μA Output Load on Each LDO
VBUCKFB = 1V, ISW = 0mA, VLVIN = 1.5V,
10μA Load on Each LDO
VENBUCK = 0V, VENLDO1 = 0V, VENLDO2 = 0V
310
50
75
400
140
500
75
100
600
210
1
μA
μA
μA
μA
μA
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V unless otherwise specified. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com