| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC2926CUFD bảng dữ liệu(PDF) 28 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2926CUFD bảng dữ liệu(HTML) 28 Page - Linear Technology |
|
28 / 28 page ![]() LTC2926 28 2926fa Linear Technology Corporation 1630 McCarthy Blvd., Milpitas, CA 95035-7417 (408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com © LINEAR TECHNOLOGY CORPORATION 2005 LT 0506 REV A • PRINTED IN USA TYPICAL APPLICATIO RELATED PARTS PART NUMBER DESCRIPTION COMMENTS LTC2908 Precision Six Supply Monitor Four Fixed (Various Levels) and Two Adjustable Input Thresholds LTC2920-1/LTC2920-2 Single/Dual Power Supply Margining Controllers Single or Dual, Symmetric/Asymmetric High and Low Margining LTC2921/LTC2922 Power Supply Trackers with Input Monitors Monitor up to Five Supplies, Includes Remote Sense Switches LTC2923 Power Supply Tracking Controller Controls Two Supplies Without FETs, MSOP-10 and DFN-12 Packages LTC2925 Multiple Power Supply Tracking Controller with Power Good Timeout Controls Three Supplies Without FETs, Includes Three Shutdown Control Pins LTC2927 Single Power Supply Tracking Controller Controls Single Supply Without FETs, Daisy-Chain for Multiple Supplies NC RTB1 RTA1 2926 TA02 LTC2926 S1 FB1 RAMPBUF TRACK1 TRACK2 GND PGTMR RONB RONA RTB2 RTA2 CPGTMR D2 D1 VCC STATUS STATUS/PGI ON 10k SGATE2 10 Ω Q1 SGATE1 10 Ω VCC RFB1 RFA1 S2 FB2 RSGATE FAULT RFB2 RFA2 MGATE RAMP 0.1 µF 10k FAULT OUT IN SENSE RX2 SUPPLY GENERATOR 2 VIN Q2 SLAVE2 CMGATE OUT IN SENSE RX1 SUPPLY GENERATOR 1 VIN SLAVE1 NC RTB3 RTA3 LTC2926 S1 FB1 RAMPBUF TRACK1 TRACK2 GND PGTMR RTB4 RTA4 D2 D1 STATUS/PGI ON SGATE2 10 Ω Q3 SGATE1 10 Ω VCC RFB3 RFA3 S2 FB2 RSGATE FAULT RFB4 RFA4 MGATE NC RAMP 0.1 µF OUT IN SENSE RX4 SUPPLY GENERATOR 4 VIN Q4 SLAVE4 OUT IN SENSE RX3 SUPPLY GENERATOR 3 VIN SLAVE3 Chaining to Track/Sequence More Supplies |