công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2802IDE-PBF bảng dữ liệu(PDF) 1 Page - Linear Technology

tên linh kiện LTC2802IDE-PBF
Giải thích chi tiết về linh kiện  1.8V to 5.5V RS-232 Single and Dual Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC2802IDE-PBF bảng dữ liệu(HTML) 1 Page - Linear Technology

  LTC2802IDE-PBF Datasheet HTML 1Page - Linear Technology LTC2802IDE-PBF Datasheet HTML 2Page - Linear Technology LTC2802IDE-PBF Datasheet HTML 3Page - Linear Technology LTC2802IDE-PBF Datasheet HTML 4Page - Linear Technology LTC2802IDE-PBF Datasheet HTML 5Page - Linear Technology LTC2802IDE-PBF Datasheet HTML 6Page - Linear Technology LTC2802IDE-PBF Datasheet HTML 7Page - Linear Technology LTC2802IDE-PBF Datasheet HTML 8Page - Linear Technology LTC2802IDE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2801234fc
LTC2801/LTC2802/
LTC2803/LTC2804
1.8V to 5.5V RS-232
Single and Dual Transceivers
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
The LTC®2801/LTC2802/LTC2803/LTC2804 are single and
dual RS-232 transceivers in narrow SSOP and chip-scale
DFN packages. All operate over a supply range of 1.8V to
5.5V, which permits operation directly from two alkaline,
NiCd or NiMH cells. An integrated DC-to-DC converter
generates power supplies for driving RS-232 levels. A
logic supply pin allows easy interfacing with different logic
levels independent of the DC-DC supply.
These parts are compatible with the TIA/EIA-232-F stan-
dard. Driver outputs are protected from overload and can
be shorted to ground or up to ±15V without damage. To
extend battery life, receivers can be kept active, operating
at reduced speed, with only 15μA current. In shutdown
mode, current is further reduced to 1μA. Line sharing and
half-duplex operation are also supported.
n 1.8V to 5.5V Supply Voltage
n Single and Dual Transceivers
n High-Speed Operation
1Mbps for 250pF/3kΩ Load (LTC2802, LTC2804)
250kbps for 1nF/3kΩ Load
100kbps for 2.5nF/3kΩ TIA/EIA-232-F Load
n Low-Power 1μA Shutdown and 15μA Receivers-
Active Modes
n No Damage or Latch-Up to ±10kV ESD on RS-232
Interface
n Logic Supply Pin for Easy Level-Shifting to UART or
Microprocessor
n Low-Latency Output Enable Allows Line Sharing and
Half-Duplex Operation
n True RS-232 Compliant Output Levels
n Small Footprint:
LTC2801/LTC2802 4mm × 3mm DFN Package
LTC2803/LTC2804 Narrow SSOP-16 and
5mm × 3mm DFN Packages
n Battery-Powered Systems
n Computers and Consumer Electronics
n Diagnostic Ports
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
LTC2802 at 1.8V and 1Mbps
TIN
TOUT
ROUT
2V/DIV
5V/DIV
2V/DIV
400ns/DIV
VCC = VL = 1.8V
WRAPPING DATA
TOUT LOAD = 250pF + RIN
ROUT LOAD = 150pF
2801 TA01b
VCC
VL
PS
MODE
TIN
ROUT
GND
SW
CAP
TOUT
RIN
VEE
LTC2802
2801 TA01a
L1
10μH
C2
1μF
C3
1μF
C1
220nF
1.8V TO 5.5V
OFF ON
VDD
C4
1μF
PRODUCT SELECTION GUIDE
PART NUMBER
DRIVERS
RECEIVERS
PACKAGE
LTC2801
1
1
12-Lead DFN
LTC2802
1
1
12-Lead DFN
LTC2803
2
2
16-Lead DFN
LTC2803-1
2
2
16-Lead Narrow SSOP
LTC2804
2
2
16-Lead DFN
LTC2804-1
2
2
16-Lead Narrow SSOP


Số phần tương tự - LTC2802IDE-PBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Linear Technology
LTC2802IDE LINER-LTC2802IDE Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802IDE LINER-LTC2802IDE Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802IDE LINER-LTC2802IDE Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802IDE LINER-LTC2802IDE Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
More results

Mô tả tương tự - LTC2802IDE-PBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sipex Corporation
SP3222EB_0511 SIPEX-SP3222EB_0511 Datasheet
681Kb / 25P
CorporationTrue 3.0V to 5.5V RS-232 Transceivers
logo
Linear Technology
LTC2801CDE LINER-LTC2801CDE Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802CDE LINER-LTC2802CDE Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802IDE LINER-LTC2802IDE Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2803CDHC LINER-LTC2803CDHC Datasheet
338Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801 LINER-LTC2801_15 Datasheet
384Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802 LINER-LTC2802_15 Datasheet
384Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2803 LINER-LTC2803_15 Datasheet
384Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2804 LINER-LTC2804_15 Datasheet
384Kb / 18P
1.8V to 5.5V RS-232 Single and Dual Transceivers
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com