| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC2452CDDB-TRMPBF bảng dữ liệu(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2452CDDB-TRMPBF bảng dữ liệu(HTML) 13 Page - Linear Technology |
|
13 / 20 page ![]() LTC2452 13 2452fb sion operation can be triggered by pulling CS low and then high. When CS is pulled low (CS = LOW), SDO will output the sign (D15) of the result of the just completed conversion. While a low logic level is maintained at SCK pin and CS is subsequently pulled high (CS = HIGH) the remaining 15 bits of the result (D14:D0) are discarded and a new conversion cycle starts. Following the aborted I/O, additional clock pulses in the CONVERT state are acceptable, but excessive signal tran- sitions on SCK can potentially create noise on the ADC during the conversion, and thus may negatively influence the conversion accuracy. 2-Wire Operation The 2-wire operation modes, while reducing the number of required control signals, should be used only if the LTC2452 low power sleep capability is not required. In addition the option to abort serial data transfers is no longer available. Hardwire CS to GND for 2-wire operation. Figure 13. 2-Wire, Idle-High (CPOL = 1) Serial Clock, Operation Example Figure 13 shows a 2-wire operation sequence which uses an idle-high (CPOL = 1) serial clock signal. The conversion status can be monitored at the SDO output. Following a conversion cycle, the ADC enters SLEEP state and the SDO output transitions from HIGH to LOW. Subsequently 16 clock pulses are applied to the SCK input in order to serially shift the 16 bit result. Finally, the 17th clock pulse is applied to the SCK input in order to trigger a new conversion cycle. Figure 14 shows a 2-wire operation sequence which uses an idle-low (CPOL = 0) serial clock signal. The conversion status cannot be monitored at the SDO output. Following a conversion cycle, the LTC2452 bypasses the SLEEP state and immediately enters the DATA OUTPUT state. At this moment the SDO pin outputs the sign (D15) of the conversion result. The user must use external timing in order to determine the end of conversion and result avail- ability. Subsequently 16 clock pulses are applied to SCK in order to serially shift the 16-bit result. The 16th clock falling edge triggers a new conversion cycle. APPLICATIONS INFORMATION Figure 14. 2-Wire, Idle-Low (CPOL = 0) Serial Clock Operation Example 2452 F13 D15 D14 D13 D12 D2 D1 D0 SD0 clk1 clk2 clk3 clk4 clk15 clk16 clk17 SCK CONVERT CONVERT SLEEP DATA OUTPUT CS = LOW 2452 F14 D15 D14 D13 D12 D2 D1 D0 SD0 CS = LOW clk1 clk2 clk3 clk14 clk4 clk15 clk16 SCK CONVERT CONVERT DATA OUTPUT |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |