| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC2410IGN bảng dữ liệu(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2410IGN bảng dữ liệu(HTML) 3 Page - Linear Technology |
|
3 / 48 page ![]() LTC2410 3 SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS IN+ Absolute/Common Mode IN+ Voltage q GND – 0.3V VCC + 0.3V V IN– Absolute/Common Mode IN– Voltage q GND – 0.3V VCC + 0.3V V VIN Input Differential Voltage Range q –VREF/2 VREF/2 V (IN+ – IN–) REF+ Absolute/Common Mode REF+ Voltage q 0.1 VCC V REF– Absolute/Common Mode REF– Voltage q GND VCC – 0.1V V VREF Reference Differential Voltage Range q 0.1 VCC V (REF+ – REF–) CS (IN+)IN+ Sampling Capacitance 18 pF CS (IN–)IN– Sampling Capacitance 18 pF CS (REF+)REF+ Sampling Capacitance 18 pF CS (REF–)REF– Sampling Capacitance 18 pF IDC_LEAK (IN +)IN+ DC Leakage Current CS = VCC, IN + = GND q –10 1 10 nA IDC_LEAK (IN –)IN– DC Leakage Current CS = VCC, IN – = GND q –10 1 10 nA IDC_LEAK (REF +)REF+ DC Leakage Current CS = VCC, REF + = 5V q –10 1 10 nA IDC_LEAK (REF–)REF– DC Leakage Current CS = VCC, REF– = GND q –10 1 10 nA The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3) The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4) PARAMETER CONDITIONS MIN TYP MAX UNITS Input Common Mode Rejection DC 2.5V ≤ REF+ ≤ VCC, REF– = GND, q 130 140 dB GND ≤ IN– = IN+ ≤ VCC Input Common Mode Rejection 2.5V ≤ REF+ ≤ VCC, REF– = GND, q 140 dB 60Hz ±2% GND ≤ IN– = IN+ ≤ VCC, (Note 7) Input Common Mode Rejection 2.5V ≤ REF+ ≤ VCC, REF– = GND, q 140 dB 50Hz ±2% GND ≤ IN– = IN+ ≤ VCC, (Note 8) Input Normal Mode Rejection (Note 7) q 110 140 dB 60Hz ±2% Input Normal Mode Rejection (Note 8) q 110 140 dB 50Hz ±2% Reference Common Mode 2.5V ≤ REF+ ≤ VCC, GND ≤ REF– ≤ 2.5V, q 130 140 dB Rejection DC VREF = 2.5V, IN– = IN+ = GND Power Supply Rejection, DC REF+ = 2.5V, REF– = GND, IN– = IN+ = GND 120 dB Power Supply Rejection, 60Hz ±2% REF+ = 2.5V, REF– = GND, IN– = IN+ = GND, (Note 7) 120 dB Power Supply Rejection, 50Hz ±2% REF+ = 2.5V, REF– = GND, IN– = IN+ = GND, (Note 8) 120 dB CO VERTER CHARACTERISTICS A ALOG I PUT A D REFERE CE |