công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D425 bảng dữ liệu(PDF) 1 Page - Alpha & Omega Semiconductors

tên linh kiện D425
Giải thích chi tiết về linh kiện  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AOSMD [Alpha & Omega Semiconductors]
Trang chủ  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

D425 bảng dữ liệu(HTML) 1 Page - Alpha & Omega Semiconductors

  D425 Datasheet HTML 1Page - Alpha & Omega Semiconductors D425 Datasheet HTML 2Page - Alpha & Omega Semiconductors D425 Datasheet HTML 3Page - Alpha & Omega Semiconductors D425 Datasheet HTML 4Page - Alpha & Omega Semiconductors D425 Datasheet HTML 5Page - Alpha & Omega Semiconductors D425 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
18
22
44
55
RθJC
2.4
3
Maximum Junction-to-Case
B
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
°C/W
Absolute Maximum Ratings T A=25°C unless otherwise noted
V
V
±25
Pulsed Drain Current
C
Power Dissipation
B
TC=25°C
Gate-Source Voltage
Drain-Source Voltage
Maximum Junction-to-Ambient
A
Steady-State
-40
-30
-70
Power Dissipation
A
TA=25°C
PDSM
2.3
Junction and Storage Temperature Range
Continuous Drain
Current
F
Maximum
Units
Parameter
TC=25°C
TC=100°C
-30
A
°C
50
25
-55 to 175
TC=100°C
ID
W
TA=70°C
1.5
W
PD
A
Continuous Drain
Current
T
A=25°C
I
DSM
-9
T
A=70°C
-7
AOD425
P-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = -30V
ID = -20A (VGS = -10V)
RDS(ON) < 17mΩ (VGS = -10V)
RDS(ON) < 35mΩ (VGS = -5V)
ESD Protected!
100% Rg Tested!
General Description
The AOD425 uses advanced trench technology to
provide excellent RDS(ON) and ultra-low low gate charge
with a 25V gate rating. This device is suitable for use as a
load switch or in PWM applications. The device is ESD
protected.
-RoHS Compliant
-Halogen Free*
G
TO-252
D-PAK
Top View
S
Bottom View
D
G
S
S
G
D
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Số phần tương tự - D425

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
eupec GmbH
D4201N EUPEC-D4201N Datasheet
266Kb / 8P
Rectifier Diode
logo
Infineon Technologies A...
D4201N INFINEON-D4201N Datasheet
251Kb / 9P
Full blocking capability 50/60Hz over a wide temperature range
2014-06-01 Revision: 6.1
logo
Unisonic Technologies
D4203D UTC-D4203D Datasheet
107Kb / 2P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
D4203DG-T60-K UTC-D4203DG-T60-K Datasheet
107Kb / 2P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
D4203DG-T60-K UTC-D4203DG-T60-K Datasheet
107Kb / 2P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results

Mô tả tương tự - D425

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com