công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC4303CMS8 bảng dữ liệu(PDF) 3 Page - Linear Technology

tên linh kiện LTC4303CMS8
Giải thích chi tiết về linh kiện  Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC4303CMS8 bảng dữ liệu(HTML) 3 Page - Linear Technology

  LTC4303CMS8 Datasheet HTML 1Page - Linear Technology LTC4303CMS8 Datasheet HTML 2Page - Linear Technology LTC4303CMS8 Datasheet HTML 3Page - Linear Technology LTC4303CMS8 Datasheet HTML 4Page - Linear Technology LTC4303CMS8 Datasheet HTML 5Page - Linear Technology LTC4303CMS8 Datasheet HTML 6Page - Linear Technology LTC4303CMS8 Datasheet HTML 7Page - Linear Technology LTC4303CMS8 Datasheet HTML 8Page - Linear Technology LTC4303CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4303
3
4303fb
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise specified.
Note 3: Pulsed less than 5µs.
Note 4: The connection circuitry always regulates the output to a higher
voltage than its input. The magnitude of this offset voltage as a function of
the pull-up resistor and VCC voltage is shown in the Typical Performance
Characteristics section.
Note 5: IPULLUPAC varies with temperature and VCC voltage, as shown in
the Typical Performance Characteristics section.
Note 6: Guaranteed by design, not tested in production.
Note 7: ICC test performed with connection circuitry active.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VHYS
SDA, SCL, Logic Input Threshold Voltage (Note 6)
50
mV
Hysteresis
tPHL_ENABLE
Delay ENABLE High-Low to Disconnect
VCC = 3.3V
300
ns
tPHL_READY
Delay READY High-Low after Disconnect
10
ns
tPLH_ENABLE
Delay ENABLE Low-High to Connect
VCC = 3.3V
●
60
95
175
µs
tPLH_READY
Delay READY Low-High after Connect
10
ns
IOFF_READY
Ready Off Leakage Current
●
±10
µA
Rise-Time Accelerators
IPULLUPAC
Transient Boosted Pull-Up Current
Positive Transition on SDA, SCL, VCC = 2.7V,
2
3.5
5.5
mA
Slew Rate = 0.8V/µs (Note 5)
Bus Stuck Low Timeout
tTIMEOUT
Bus Stuck Low Timer
SDAOUT, SCLOUT = 0V
●
25
30
35
ms
Input-Output Connection
VOS
Input-Output Offset Voltage
10k to VCC on SDA, SCL,
●
40
80
120
mV
2.7k to VCC on SDA, SCL
●
50
100
150
mV
VCC = 3.3V, VSDA/SCL = 0.2V (Note 4)
CIN
Digital Input Capacitance
(Note 6)
10
pF
SDAIN, SDAOUT, SCLIN, SCLOUT
VIL, MAX
Input Logic Low Voltage
●
0.4
V
ILEAK
Input Leakage Current
SDA, SCL, VCC = 5.5V
●
±5
µA
VOL
Output Low Voltage, Input = 0
SDA, SCL Pins, ISINK = 4mA, VCC = 2.7V
●
0
0.19
0.3
V
Timing Characteristics
fI2C, MAX
I2C Maximum Operating Frequency
(Note 6)
400
600
kHz
tBUF
Bus Free Time Between Stop and Start
(Note 6)
1.3
µs
Condition
tHD, STA
Hold Time After (Repeated)
(Note 6)
100
ns
Start Condition
tSU, STA
Repeated Start Condition Set-Up Time
(Note 6)
0
ns
tSU, STO
Stop Condition Set-Up Time
(Note 6)
0
ns
tHD, DATI
Data Hold Time Input
(Note 6)
0
ns
tSU, DAT
Data Set-Up Time
(Note 6)
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com