| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS650DC-3 bảng dữ liệu(PDF) 4 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
DS650DC-3 bảng dữ liệu(HTML) 4 Page - Emerson Network Power |
|
4 / 4 page ![]() Rev. 12.15.08 DS650DC-3 / DS850DC-3 4 of 4 Embedded Power for Business-Critical Continuity DCOutputConnectorPinoutAssignment Pin SignalName PB1 +12VRETURN PB2 +12VRETURN PB3 +12VRETURN PB4 +12V PB5 +12V PB6 +12V A1 PS_ON A2 +12VRMTSENSERETURN A3 TEMP_OK A4 PS_SEATED(PowerSupplySeated) A5 +3V3STAND-BY A6 +3V3SBRETURN B1 DCinputOK B2 +12VRMTSENSE B3 +12VCURRENTSHARE B4 PS_INHIBIT/PS_KILL B5 +3V3STAND-BY B6 +3V3SBRETURN C1 SDA(I2CDataSignal) C2 SCL(I2CClockSignal) C3 POWERGOOD C4 FANFAIL(FanFailSignal) C5 +3V3STAND-BY C6 +3V3SBRETURN D1 A0(I2CAddressBIT0Signal) D2 A1(I2CAddressBIT1Signal) D3 S_INT(Alarm) D4 +3V3STAND-BYRMTSENSE D5 +3V3STAND-BY D6 +3V3SBRETURN P1-PowerSupplySide 1.FCIPowerBlade51721series 51721-10002406AA 2.MolexPowerConnector SD-87667series 87667-7002 MatingConnector(Systemside) 1.FCIPowerBlade 51741-10002406CC Strait Pins 2.FCIPowerBlade 51761-10002406AA RightAngle D1 D2 D3 D4 D5 D6 PB1 PB2 PB3 PB4 PB5 PB6 C1 C2 C3 C4 C5 C6 B1 B2 B3 B4 B5 B6 A1 A2 A3 A4 A5 A6 Maleconnectorasviewedfromtherearofthesupply: Americas 5810VanAllenWay Carlsbad,CA92008 USA Telephone:+17609304600 Facsimile: +17609300698 Europe (UK) WaterfrontBusinessPark MerryHill,Dudley WestMidlands,DY51LX UnitedKingdom Telephone:+44(0)1384842211 Facsimile: +44(0)1384843355 Asia (HK) 14/F,LuPlaza 2WingYipStreet KwunTong,Kowloon HongKong Telephone:+85221763333 Facsimile: +85221763888 Forglobalcontact,visit: www.powerconversion.com techsupport.embeddedpower @emerson.com Whileeveryprecautionhasbeentakentoensure accuracyandcompletenessinthisliterature,Emerson NetworkPowerassumesnoresponsibility,anddisclaims allliabilityfordamagesresultingfromuseofthis informationorforanyerrorsoromissions. EmersonNetworkPowerandtheEmerson NetworkPowerlogoaretrademarksand servicemarksofEmersonElectricCo. ©2008EmersonElectricCo. EmersonNetworkPower.com EmbeddedComputing Embedded Power Monitoring OutsidePlant PowerSwitching&Controls PrecisionCooling Racks&IntegratedCabinets Services SurgeProtection Emerson Network Power. Thegloballeaderinenabling business-criticalcontinuity. ACPower Connectivity DC Power |