công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS80C32X2-VCKB bảng dữ liệu(PDF) 26 Page - TEMIC Semiconductors

tên linh kiện TS80C32X2-VCKB
Giải thích chi tiết về linh kiện  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEMIC [TEMIC Semiconductors]
Trang chủ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C32X2-VCKB bảng dữ liệu(HTML) 26 Page - TEMIC Semiconductors

Back Button TS80C32X2-VCKB Datasheet HTML 22Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 23Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 24Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 25Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 26Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 27Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 28Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 29Page - TEMIC Semiconductors TS80C32X2-VCKB Datasheet HTML 30Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
26
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
Table 12. IP Register
IP - Interrupt Priority Register (B8h)
Reset Value = XX00 0000b
Bit addressable
7
6
5
4
3
2
1
0
-
-
PT2
PS
PT1
PX1
PT0
PX0
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
PT2
Timer 2 overflow interrupt Priority bit
Refer to PT2H for priority level.
4
PS
Serial port Priority bit
Refer to PSH for priority level.
3
PT1
Timer 1 overflow interrupt Priority bit
Refer to PT1H for priority level.
2
PX1
External interrupt 1 Priority bit
Refer to PX1H for priority level.
1
PT0
Timer 0 overflow interrupt Priority bit
Refer to PT0H for priority level.
0
PX0
External interrupt 0 Priority bit
Refer to PX0H for priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54