công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC1098ACN8-TRPBF bảng dữ liệu(PDF) 17 Page - Linear Technology

tên linh kiện LTC1098ACN8-TRPBF
Giải thích chi tiết về linh kiện  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACN8-TRPBF bảng dữ liệu(HTML) 17 Page - Linear Technology

Back Button LTC1098ACN8-TRPBF Datasheet HTML 13Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 14Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 15Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 16Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 17Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 18Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 19Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 20Page - Linear Technology LTC1098ACN8-TRPBF Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
17
10968fc
Input Data Word
The LTC1096(L) requires no DIN word. It is permanently
configured to have a single differential input. The conver-
sion result, in which output on the DOUT line is MSB-first
sequence, followed by LSB sequence providing easy
interface to MSB- or LSB-first serial ports.
The LTC1098(L) clocks data into the DIN input on the ris-
ing edge of the clock. The input data words are defined
as follows:
Start Bit
The first “logical one” clocked into the DIN input after CS
goes low is the start bit. The start bit initiates the data
transfer. The LTC1098(L) will ignore all leading zeros which
precede this logical one. After the start bit is received,
the remaining bits of the input word will be clocked in.
Further inputs on the DIN pin are then ignored until the
next CS cycle.
APPLICATIONS INFORMATION
CLK
CS
tCYC
POWER
DOWN
tsuCS
tWAKEUP
DIN
SGL/
DIFF
MSBF
B0*
B1
B2
B3
B4
B5
B6
B7
NULL
BIT
Hi-Z
DOUT
tCONV
tSMPL
HI-Z
START
ODD/
SIGN
DON'T CARE
MSB-FIRST DATA (MSBF = 0)
MSB-FIRST DATA (MSBF = 1)
10968 F02
CLK
CS
tCYC
POWER
DOWN
tsuCS
tWAKEUP
DIN
SGL/
DIFF
MSBF
B0
B1
B2
B3
B4
B5
B6
B7
NULL
BIT
Hi-Z
DOUT
tCONV
tSMPL
HI-Z
START
ODD/
SIGN
DON'T CARE
B7*
B6
B5
B4
B3
B2
B1
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER CLOCKS ARE APPLIED WITH CS LOW, THE ADC WILL OUTPUT ZEROS INDEFINITELY.
(MSB)
(MSB)
Figure 2. LTC1098(L) Operating Sequence Example: Differential Inputs (CH+, CH–)
SGL/
DIFF
ODD/
SIGN
MSBF
START
MUX
ADDRESS
MSB-FIRST/
LSB-FIRST
10968 AI02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com