| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS80C32X2-VCAB bảng dữ liệu(PDF) 27 Page - TEMIC Semiconductors |
|
|
|||||||||||||||||||||||||||||
TS80C32X2-VCAB bảng dữ liệu(HTML) 27 Page - TEMIC Semiconductors |
|
27 / 54 page ![]() Rev. B - Jan. 25, 1999 27 Preliminary TS80C52X2 Table 13. IPH Register IPH - Interrupt Priority High Register (B7h) Reset Value = XX00 0000b Not bit addressable 7 6 5 4 3 2 1 0 - - PT2H PSH PT1H PX1H PT0H PX0H Bit Number Bit Mnemonic Description 7 - Reserved The value read from this bit is indeterminate. Do not set this bit. 6 - Reserved The value read from this bit is indeterminate. Do not set this bit. 5 PT2H Timer 2 overflow interrupt Priority High bit PT2H PT2 Priority Level 0 0 Lowest 01 10 1 1 Highest 4 PSH Serial port Priority High bit PSH PS Priority Level 0 0 Lowest 01 10 1 1 Highest 3 PT1H Timer 1 overflow interrupt Priority High bit PT1H PT1 Priority Level 0 0 Lowest 01 10 1 1 Highest 2 PX1H External interrupt 1 Priority High bit PX1H PX1 Priority Level 0 0 Lowest 01 10 1 1 Highest 1 PT0H Timer 0 overflow interrupt Priority High bit PT0H PT0 Priority Level 0 0 Lowest 01 10 1 1 Highest 0 PX0H External interrupt 0 Priority High bit PX0H PX0 Priority Level 0 0 Lowest 01 10 1 1 Highest |