| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX2000-1CSG896M bảng dữ liệu(PDF) 165 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896M bảng dữ liệu(HTML) 165 Page - Actel Corporation |
|
165 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-59 IO63NB1F5 D21 IO63PB1F5 D20 IO65NB1F6 G20 IO65PB1F6 H20 IO66NB1F6 B23 IO66PB1F6 B21 IO67NB1F6 H21 IO67PB1F6 G21 IO68NB1F6 D22 IO68PB1F6 C22 IO69NB1F6 A25 IO69PB1F6 A24 IO70NB1F6 F22 IO70PB1F6 E22 IO71NB1F6 F21 IO71PB1F6 E21 IO73NB1F6 C24 IO73PB1F6 C23 IO74NB1F6 D24 IO74PB1F6 D23 IO75NB1F6 H23 IO75PB1F6 H22 IO76NB1F7 B25 IO76PB1F7 B24 IO78NB1F7 B26 IO78PB1F7 A26 IO79NB1F7 F23 IO79PB1F7 E23 IO80NB1F7 D25 IO80PB1F7 C25 IO81NB1F7 G23 IO81PB1F7 G22 IO82NB1F7 B27 IO82PB1F7 A27 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO83NB1F7 F24 IO83PB1F7 E24 IO84NB1F7 D26 IO84PB1F7 C26 IO85NB1F7 F25 IO85PB1F7 E25 Bank 2 IO86NB2F8 G26 IO86PB2F8 G25 IO87NB2F8 K23 IO87PB2F8 J23 IO88NB2F8 J24 IO88PB2F8 H24 IO89NB2F8 E29 IO89PB2F8 D29 IO90NB2F8 F27 IO90PB2F8 E27 IO91NB2F8 H26 IO91PB2F8 H25 IO92NB2F8 G28 IO92PB2F8 F28 IO93NB2F8 J26 IO93PB2F8 J25 IO94NB2F8 H27 IO94PB2F8 G27 IO95NB2F8 H29 IO95PB2F8 G29 IO96NB2F9 G30 IO96PB2F9 F30 IO97NB2F9 K25 IO97PB2F9 K24 IO98NB2F9 J28 IO98PB2F9 H28 IO99NB2F9 L23 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO99PB2F9 L24 IO100NB2F9 K27 IO100PB2F9 J27 IO101PB2F9 J30 IO102NB2F9 E30 IO102PB2F9 D30 IO103NB2F9 L26 IO103PB2F9 K26 IO104NB2F9 F29 IO105NB2F9 M25 IO105PB2F9 L25 IO106NB2F9 K30 IO106PB2F9 K29 IO107NB2F10 M23 IO107PB2F10 M24 IO109NB2F10 M27 IO109PB2F10 L27 IO110NB2F10 M28 IO110PB2F10 L28 IO111NB2F10 N22 IO111PB2F10 N23 IO112NB2F10 M29 IO112PB2F10 L29 IO113NB2F10 N26 IO113PB2F10 M26 IO114NB2F10 M30 IO114PB2F10 L30 IO115NB2F10 N28 IO115PB2F10 N27 IO117NB2F10 N25 IO117PB2F10 N24 IO118NB2F11 N29 IO119NB2F11 P22 IO119PB2F11 P23 896-Pin FBGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |