| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX2000-1CSG896M bảng dữ liệu(PDF) 65 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896M bảng dữ liệu(HTML) 65 Page - Actel Corporation |
|
65 / 226 page ![]() Axcelerator Family FPGAs v2.7 2-51 the RX and TX modules (Figure 2-37). The RX module is used to drive signals from the across-chip horizontal and vertical routing to the Output Tracks within the SuperCluster. The TX module is used to drive vertical and horizontal across-chip routing from either short-distance horizontal tracks or from Output Tracks. The TX module can also be used to drive signals from vertical across-chip tracks to horizontal across-chip tracks and vice versa. Figure 2-36 • FastConnect Routing Figure 2-37 • Horizontal and Vertical Tracks |