công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AX2000-1CSG896M bảng dữ liệu(PDF) 116 Page - Actel Corporation

tên linh kiện AX2000-1CSG896M
Giải thích chi tiết về linh kiện  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACTEL [Actel Corporation]
Trang chủ  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896M bảng dữ liệu(HTML) 116 Page - Actel Corporation

Back Button AX2000-1CSG896M Datasheet HTML 112Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 113Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 114Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 115Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 116Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 117Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 118Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 119Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 120Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 226 page
background image
Axcelerator Family FPGAs
3- 10
v2.7
GND
L17
GND
M11
GND
M12
GND
M13
GND
M14
GND
M15
GND
M16
GND
M17
GND
N11
GND
N12
GND
N13
GND
N14
GND
N15
GND
N16
GND
N17
GND
P11
GND
P12
GND
P13
GND
P14
GND
P15
GND
P16
GND
P17
GND
R11
GND
R12
GND
R13
GND
R14
GND
R15
GND
R16
GND
R17
GND
T11
GND
T12
GND
T13
GND
T14
GND
T15
GND
T16
GND
T17
GND
U11
GND
U12
729-Pin PBGA
AX1000 Function
Pin Number
GND
U13
GND
U14
GND
U15
GND
U16
GND
U17
GND/LP
J8
NC
U3
PRA
J14
PRB
D14
PRC
V14
PRD
AB14
TCK
E4
TDI
D4
TDO
J9
TMS
H8
TRST
E3
VCCA
AA21
VCCA
AD5
VCCA
E1
VCCA
G22
VCCA
K10
VCCA
K11
VCCA
K17
VCCA
K18
VCCA
L10
VCCA
L18
VCCA
U10
VCCA
U18
VCCA
V10
VCCA
V11
VCCA
V17
VCCA
V18
VCCPLA
A13
VCCPLB
J13
VCCPLC
B15
VCCPLD
C15
VCCPLE
AG14
VCCPLF
AF14
729-Pin PBGA
AX1000 Function
Pin Number
VCCPLG
AB13
VCCPLH
AG13
VCCDA
A11
VCCDA
AB12
VCCDA
AC12
VCCDA
AC25
VCCDA
AD16
VCCDA
AD17
VCCDA
E16
VCCDA
E2
VCCDA
E24
VCCDA
F12
VCCDA
F16
VCCDA
F7
VCCDA
K14
VCCDA
P10
VCCDA
P18
VCCDA
W14
VCCDA
W9
VCCIB0
A4
VCCIB0
B4
VCCIB0
C4
VCCIB0
J10
VCCIB0
J11
VCCIB0
J12
VCCIB0
K12
VCCIB0
K13
VCCIB1
A24
VCCIB1
B24
VCCIB1
C24
VCCIB1
J16
VCCIB1
J17
VCCIB1
J18
VCCIB1
K15
VCCIB1
K16
VCCIB2
D25
VCCIB2
D26
VCCIB2
D27
729-Pin PBGA
AX1000 Function
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More