| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX2000-1CSG896 bảng dữ liệu(PDF) 162 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896 bảng dữ liệu(HTML) 162 Page - Actel Corporation |
|
162 / 226 page ![]() Axcelerator Family FPGAs 3- 56 v2.7 NC AE2 NC AE30 NC AF1 NC AF2 NC AF29 NC AF30 NC AG1 NC AG2 NC AG29 NC AG30 NC AH27 NC AH4 NC AJ14 NC AJ15 NC AJ16 NC AJ27 NC AJ4 NC AK14 NC AK15 NC AK16 NC AK17 NC AK22 NC AK4 NC AK5 NC B16 NC B18 NC B21 NC B23 NC B26 NC B4 NC B6 NC B8 NC C27 NC D1 NC D2 NC D29 NC D30 NC E1 896-Pin FBGA AX1000 Function Pin Number NC E2 NC E29 NC E30 NC F15 NC F16 NC F29 NC F30 NC G1 NC G29 NC G30 NC H29 NC J1 NC J30 NC K1 NC K2 NC L30 NC M30 NC N29 NC T1 NC U1 NC W30 NC Y1 NC Y2 NC Y30 PRA G15 PRB D16 PRC AB16 PRD AF16 TCK G7 TDI D5 TDO J8 TMS F6 TRST C4 VCCA AD6 VCCA AH26 VCCA E28 VCCA E3 VCCA L12 896-Pin FBGA AX1000 Function Pin Number VCCA L13 VCCA L14 VCCA L15 VCCA L16 VCCA L17 VCCA L18 VCCA L19 VCCA M11 VCCA M20 VCCA N11 VCCA N20 VCCA P11 VCCA P20 VCCA R11 VCCA R20 VCCA T11 VCCA T20 VCCA U11 VCCA U20 VCCA V11 VCCA V20 VCCA W11 VCCA W20 VCCA Y12 VCCA Y13 VCCA Y14 VCCA Y15 VCCA Y16 VCCA Y17 VCCA Y18 VCCA Y19 VCCPLA G14 VCCPLB H15 VCCPLC G17 VCCPLD J16 VCCPLE AH17 VCCPLF AC16 VCCPLG AH14 896-Pin FBGA AX1000 Function Pin Number |