công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT54SX32S bảng dữ liệu(PDF) 21 Page - Actel Corporation

tên linh kiện RT54SX32S
Giải thích chi tiết về linh kiện  RTSX-S RadTolerant FPGAs
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACTEL [Actel Corporation]
Trang chủ  http://www.actel.com
Logo ACTEL - Actel Corporation

RT54SX32S bảng dữ liệu(HTML) 21 Page - Actel Corporation

Back Button RT54SX32S Datasheet HTML 17Page - Actel Corporation RT54SX32S Datasheet HTML 18Page - Actel Corporation RT54SX32S Datasheet HTML 19Page - Actel Corporation RT54SX32S Datasheet HTML 20Page - Actel Corporation RT54SX32S Datasheet HTML 21Page - Actel Corporation RT54SX32S Datasheet HTML 22Page - Actel Corporation RT54SX32S Datasheet HTML 23Page - Actel Corporation RT54SX32S Datasheet HTML 24Page - Actel Corporation RT54SX32S Datasheet HTML 25Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
RTSX-S RadTolerant FPGAs
v2.2
2-7
I/O Specifications
Pin Descriptions
Supply Pins
GND
Ground
Low supply voltage.
VCCI
Supply Voltage
Supply voltage for I/Os. See Table 2-1 on page 2-1.
VCCA
Supply Voltage
Supply voltage for Array. See Table 2-1 on page 2-1.
Global Pins
CLKA/B
Routed Clock A and B
These pins are clock inputs for clock distribution
networks. Input levels are compatible with standard TTL,
LVTTL, 3.3V PCI, or 5V PCI specifications. The clock input
is buffered prior to clocking the R-cells. When not used,
this pin must be set Low or High on the board. When
used, this pin should be held Low or High during power-
up to avoid unwanted static power.
For RT54SX72S, these pins can be configured as user I/Os.
When used, this pin offers a built-in programmable pull-
up or pull-down resistor active during power-up only.
QCLKA/B/C/D
Quadrant Clock A, B, C, and D / I/O
These four pins are the quadrant clock inputs and are
only found on the RT54SX72S. They are clock inputs for
clock distribution networks. Input levels are compatible
with
standard
TTL,
LVTTL,
3.3V
PCI
or
5V
PCI
specifications. Each of these clock inputs can drive up to
a quarter of the chip, or they can be grouped together to
drive multiple quadrants. The clock input is buffered
prior to clocking the core cells.
These pins can be configured as user I/Os. When not
used, these pins must not be left floating. They must be
set Low or High on the board. When used, this pin offers
a built-in programmable pull-up or pull-down resistor,
active during power-up only.
HCLK
Dedicated (Hardwired) Array Clock
This pin is the clock input for sequential modules. Input
levels are compatible with standard TTL, LVTTL, 3.3V PCI or
5V PCI specifications. This input is buffered prior to
clocking the R-cells. It offers clock speeds independent of
the number of R-cells being driven. When not used, this
pin must not be left floating. It must be set to Low or High
on the board. When used, this pin should be held Low or
High during power-up to avoid unwanted static power.
JTAG/Probe Pins
PRA/PRB1 I/O,
Probe A/B
The probe pin is used to output data from any user-
defined design node within the device. This independent
diagnostic pin can be used in conjunction with the other
probe pin to allow real-time diagnostic output of any
signal path within the device. The probe pin can be used
as a user-defined I/O when verification has been
completed.
The
pin’s
probe
capabilities
can
be
permanently disabled to protect programmed design
confidentiality.
TCK1, I/O
Test Clock
Test clock input for diagnostic probe and device
programming. In flexible mode, TCK becomes active
when the TMS pin is set Low (Table 2-32 on page 2-35).
This pin functions as an I/O when the boundary scan
state machine reaches the “logic reset” state.
TDI1, I/O
Test Data Input
Serial input for boundary scan testing and diagnostic
probe. In flexible mode, TDI is active when the TMS pin is
set Low (Table 2-32 on page 2-35). This pin functions as
an I/O when the boundary scan state machine reaches
the “logic reset” state.
TDO1, I/O
Test Data Output
Serial output for boundary scan testing. In flexible mode,
TDO is active when the TMS pin is set Low (Table 2-32 on
page 2-35). This pin functions as an I/O when the
boundary scan state machine reaches the "logic reset"
state. When Silicon Explorer II is being used, TDO will act
as an output when the "checksum" command is run. It
will return to user I/O when "checksum" is complete.
TMS1
Test Mode Select
The TMS pin controls the use of the IEEE 1149.1
boundary scan pins (TCK, TDI, TDO, TRST). In flexible
mode when the TMS pin is set Low, the TCK, TDI, and
TDO pins are boundary scan pins (Table 2-32 on page 2-
35). Once the boundary scan pins are in test mode, they
will remain in that mode until the internal boundary
scan state machine reaches the “logic reset” state. At this
point, the boundary scan pins will be released and will
function as regular I/O pins. The “logic reset” state is
reached five TCK cycles after the TMS pin is set High. In
dedicated test mode, TMS functions as specified in the
IEEE 1149.1 specifications.
1. These pins should be terminated with a 70
Ω resistor to preserve probing capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com