công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

COREAI-SR bảng dữ liệu(PDF) 14 Page - Actel Corporation

tên linh kiện COREAI-SR
Giải thích chi tiết về linh kiện  CoreAI
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACTEL [Actel Corporation]
Trang chủ  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAI-SR bảng dữ liệu(HTML) 14 Page - Actel Corporation

Back Button COREAI-SR Datasheet HTML 10Page - Actel Corporation COREAI-SR Datasheet HTML 11Page - Actel Corporation COREAI-SR Datasheet HTML 12Page - Actel Corporation COREAI-SR Datasheet HTML 13Page - Actel Corporation COREAI-SR Datasheet HTML 14Page - Actel Corporation COREAI-SR Datasheet HTML 15Page - Actel Corporation COREAI-SR Datasheet HTML 16Page - Actel Corporation COREAI-SR Datasheet HTML 17Page - Actel Corporation COREAI-SR Datasheet HTML 18Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
CoreAI
14
v2.0
Table 19 • ADC Control Register 3 (high-order)
Bits
Name
Function
7:2
Reserved
Not used
1:0
CMSTB[9:8]
Current Monitor Strobes
These bits are connected to the CMSTB9 and CMSTB8 pins of the AB macro.
(Refer to the
Fusion datasheet for further information.)
Table 20 • ADC Control Register 4 (low-order)
Bits
Name
Function
7:0
TMSTB[7:0]
Temperature Monitor Strobes
These bits are connected to the TMSTB[7:0] pins of the AB macro.
(Refer to the
Fusion datasheet for further information.)
Table 21 • ADC Control Register 4 (high-order)
Bits
Name
Function
7:2
Reserved
Not used
2
TMSTBINT
Internal Temperature Monitor Strobe
This bit is connected to the TMSTBINT pin of the AB macro.
(Refer to the
Fusion datasheet for further information.)
1:0
TMSTB[9:8]
Temperature Monitor Strobes
These bits are connected to the TMSTB9 and TMSTB8 pins of the AB macro.
(Refer to the
Fusion datasheet for further information.)
Table 22 • ADC Control Register 5 (low-order)
Bits
Name
Function
7:0
GDON[7:0]
Gate Driver Enables
These bits are connected to the GDON[7:0] pins of the AB macro. Note that the CFG_GDx
parameters/generics settings affect whether or not the GDON[7:0] register bits are used.
(Refer to the
Fusion datasheet for further information.)
Table 23 • ADC Control Register 5 (high-order)
Bits
Name
Function
7:2
Reserved
Not used
1:0
GDON[9:8]
Gate Driver Enables
These bits are connected to the GDON9 and GDON8 pins of the AB macro. Note that the CFG_GDx
parameters/generics settings affect whether or not the GDON[9:8] register bits are used.
(Refer to the
Fusion datasheet for further information.)
Table 24 • ADC Status Register (low-order)
Bits
Name
Function
7:0
RESULT[7:0]
ADC Result (low-order)
These bits come from the RESULT[7:0] bits of the AB macro.
(Refer to the
Fusion datasheet for further information.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com