công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT3755 bảng dữ liệu(PDF) 4 Page - Linear Technology

tên linh kiện LT3755
Giải thích chi tiết về linh kiện  40VIN, 75VOUT LED Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT3755 bảng dữ liệu(HTML) 4 Page - Linear Technology

  LT3755 Datasheet HTML 1Page - Linear Technology LT3755 Datasheet HTML 2Page - Linear Technology LT3755 Datasheet HTML 3Page - Linear Technology LT3755 Datasheet HTML 4Page - Linear Technology LT3755 Datasheet HTML 5Page - Linear Technology LT3755 Datasheet HTML 6Page - Linear Technology LT3755 Datasheet HTML 7Page - Linear Technology LT3755 Datasheet HTML 8Page - Linear Technology LT3755 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3755/LT3755-1
4
37551fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temp-
erature range, otherwise specifications are at TA = 25°C. VIN = 24V, SHDN/UVLO = 24V, CTRL = 2V, PWM = 5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Linear Regulator
INTVCC Regulation Voltage
7
7.15
7.3
V
Dropout (VIN – INTVCC)IINTVCC = –10mA, VIN = 7V
350
mV
INTVCC Undervoltage Lockout
3.9
4.1
4.3
V
INTVCC Current Limit
29
34
40
mA
INTVCC Current in Shutdown
SHDN/UVLO = 0V, INTVCC = 7V
8
12
μA
Logic Inputs/Outputs
PWM Input High Voltage
1.5
V
PWM Input Low Voltage
0.4
V
PWM Pin Resistance to GND
45
60
kΩ
PWMOUT Output Low (VOL)
050
mV
PWMOUT Output High (VOH)
INTVCC
– 50mV
V
SHDN/UVLO Threshold Voltage Falling
l
1.185
1.220
1.245
V
SHDN/UVLO Rising Hysteresis
20
mV
SHDN/UVLO Input Low Voltage
IVIN Drops Below 1μA
0.4
V
SHDN/UVLO Pin Bias Current Low
SHDN/UVLO = 1.15V
1.7
2.05
2.5
μA
SHDN/UVLO Pin Bias Current High
SHDN/UVLO = 1.30V
10
100
nA
OPENLED Output Low (VOL)IOPENLED = 0.5mA (LT3755 Only)
200
mV
SYNC Pin Resistance to GND
LT3755-1 Only
30
kΩ
SYNC Input High
LT3755-1 Only
1.5
V
SYNC Input Low
LT3755-1 Only
0.4
V
Gate Driver
tr GATE Driver Output Rise Time
CL = 3300pF
35
ns
tf GATE Driver Output Fall Time
CL = 3300pF
35
ns
GATE Output Low (VOL)
0.05
V
GATE Output High (VOH)
INTVCC
– 50mV
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3755E and LT3755E-1 are guaranteed to meet performance
specifications from 0°C to 125°C junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls. The
LT3755I and LT3755I-1 are guaranteed to meet performance specifications
over the –40°C to 125°C operating junction temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com