công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC-ACT-G704E1-NET bảng dữ liệu(PDF) 4 Page - Actel Corporation

tên linh kiện MC-ACT-G704E1-NET
Giải thích chi tiết về linh kiện  ISDN Terminal Equipment E2 Interface (multi G704 on chip) E1-ATM Interface
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACTEL [Actel Corporation]
Trang chủ  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-G704E1-NET bảng dữ liệu(HTML) 4 Page - Actel Corporation

  MC-ACT-G704E1-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-G704E1-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-G704E1-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-G704E1-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-G704E1-NET Datasheet HTML 5Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IntSrc_FSync.MFA.SyncLoss
Output
Pulse @ ‘1’ when leaving state InSync
IntSrc_Fan.AlarmByteCaptured
Output
Pulse @ ‘1’ when 8 A-bits have been captured (only when BFSyncState =
InSync and MFSyncState /= InSync )
IntSrc_Fan.A_Bit_detected
Output
Pulse @ ‘1’ when A-Bit sequence “001” has been received
IntSrc_FSync.BFB.Sync
Output
Pulse @ ‘1’ when entering state InSync
IntSrc_FSync.BFB.SyncLoss
Output
Pulse @ ‘1’ when leaving state InSync
IntSrc_FSync.MFB.SyncEntry
Output
Pulse @ ‘1’ when entering state InSync
IntSrc_FSync.MFB.MFSync
Output
Pulse @ ‘1’ at begin of each MultiFrame
Status_FAn.LOS_2M
Output
2MBit Loss detection
Status_FAn.AIS
Output
AIS detection result
Status_FAn.TS0Data
Output
TS0 Data, OTHERS => ‘0’ when not InSync
Status_FAn.AlarmHistory
Output
Sampled history of last 8 A-bits
Status_FAn.ErrorCountCRC[7:0]
Output
Sampled state of CRC error counter
Status_FAn.ErrorCountFAS[7:0]
Output
Sampled state of FAS/nFAS error counter
Status_FAn.ErrorCountE[7:0]
Output
Sampled state of E-Bit counter
SampleCmds.SampleCRC
Input
Active ‘1’ during one clock cycle, when up write access has been detected to the
read-only port of the related counter
SampleCmds.SampleFAS
Input
Active ‘1’ during one clock cycle, when up write access has been detected to the
read-only port of the related counter
SampleCmds.SampleE
Input
Active ‘1’ during one clock cycle, when up write access has been detected to the
read-only port of the related counter
Data_in_FSC.Data
Input
Binary NRZ data
Data_in_FSC.DataEbl
Input
Data enable
Data_in_FSC.FSync
Input
(FSC) Frame Sync pulse
DiFramed.Data
Output
Binary NRZ Data, synchronized to local clock domain
DiFramed.DataEbl
Output
Data enable
DiFrameRef.BF.BitNr[2:0]
Output
Frame reference pointer identifying every bit in a frame: Bit number within time
slot 1 .. 8
DiFrameRef.BF.TSNr[4:0]
Output
Time slot number 0 .. 31
DiFrameRef.BF.BFNr
Output
Basic frame number
DiFrameRef.BF.BFSyncState[1:0]
Output
Basic Frame synchronization state:
“01”: Hunt, “00”: Recover, “10”: InSync, “11”: OutOFSync
DiFrameRef.BF.TSInd
Output
Time slot indicator
‘1’ when bit number = 7
DiFrameRef.BF.TS0Ind_BF1
Output
Time slot 0 indicator of basic frame 1
DiFrameRef.BF.TS0Ind_BF2
Output
Time slot 0 indicator of basic frame 2
DiFrameRef.BF.FSync
Output
‘1’ when 1st bit of a frame when BFSyncState = InSync
DiFrameRef.MF.FrameNr[3:0]
Output
Multi frame synchronization state:
“00”: Hunt, “01”: Recover, “10”: ParRecover, “11”: InSync
DiFrameRef.MF.SMFInd
Output
Sub multi frame indicator
‘1’ at last bit of previous sub multi frame
DiFrameRef.MF.MFInd
Output
Multi frame indicator
DiFrameRef.MF.SMFSync
Output
‘1’ at 1st bit of sub multi frame when MFSyncState = InSync
DiFrameRef.MF.next_MFSync
Output
‘1’ one bit before MFSync
DiFrameRef.MF.MFSync
Output
‘1’ at 1st bit of multi frame when MFSyncState = InSync
Do_FSC.Data
Input
Binary NRZ data
Do_FSC.DataEbl
Input
Data enable
Do_FSC.FSync
Input
(FSC) Frame Sync pulse
DataOut_FSC.Data
Output
Binary NRZ Data, synchronized to local clock domain
DataOut_FSC.DataEbl
Output
Data enable
DataOut_FrameRef[24:0]
Output
Frame reference pointer (see DiFrameRef)
Table 2: Core I/O Signals



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com