công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SC3405 bảng dữ liệu(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

tên linh kiện 2SC3405
Giải thích chi tiết về linh kiện  NPN Silicon Triple Diffused Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Trang chủ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3405 bảng dữ liệu(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3405 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
NPN Silicon Triple Diffused Transistor
2SC3405
Features
Excellent Switching Times
tr=1.0ìs (Max.) tf=1.0ìs (Max.) at IC=0.3A
High colletor Breakdown Voltage: VCEO=800V
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
900
V
Collector to emitter voltage
VCEO
800
V
Emitter to base voltage
VEBO
8V
Collector current (DC)
IC
0.8
A
Collector current (Pulse)
Icp
1.5
A
Base Current
IB
0.2
A
Total Power dissipation Ta = 25
1W
TC =25
20
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
PC
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
collector cutoff current
ICBO
VCB=800V,IE=0
100
ìA
emitter cutoff current
IEBO
VEB=8V,IC=0
1
mA
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=1mA,IC=0
900
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA,IB=0
800
V
VCE=5V,IC=1mA
6
VCE=5V,IC=0.3A
10
Collector-Emitter Saturation Voltage
VCE(sat)
IC=0.3A,IB=0.06A
0.5
V
Base- Emitter Saturation Voltage
VBE(sat)
IC=0.3A,IB=0.06A
1.2
V
Switching time turn-0n time
tr
1
ìs
Switching storage time
tstg
4.0
ìs
Switching fall time
tf
1
ìs
hFE
DC current Gain


Số phần tương tự - 2SC3405

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
2SC3405 TOSHIBA-2SC3405 Datasheet
182Kb / 4P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
2SC3405 TOSHIBA-2SC3405 Datasheet
184Kb / 5P
Silicon NPN Triple Diffused Type Switching Regulator and High Voltage Switching Applications
09-Nov-2006
2SC3405 TOSHIBA-2SC3405 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SC3405 ISC-2SC3405 Datasheet
276Kb / 2P
Silicon NPN Power Transistor
logo
Toshiba Semiconductor
2SC3405 TOSHIBA-2SC3405 Datasheet
186Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2010-02-05
More results

Mô tả tương tự - 2SC3405

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
2SD1311 ETC-2SD1311 Datasheet
31Kb / 1P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR
logo
PMC-Sierra, Inc
H1061 PMC-H1061 Datasheet
151Kb / 1P
TRIPLE DIFFUSED SILICON NPN TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Toshiba Semiconductor
2SD428 TOSHIBA-2SD428 Datasheet
108Kb / 4P
SILICON NPN TRIPLE DIFFUSED MESA TRANSISTOR
logo
Guangdong Kexin Industr...
2SC3496A KEXIN-2SC3496A Datasheet
40Kb / 1P
NPN Silicon Triple Diffused Transistor
2SC3588-Z KEXIN-2SC3588-Z Datasheet
40Kb / 1P
NPN Silicon Triple Diffused Transistor
logo
Sanken electric
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
logo
Renesas Technology Corp
2SC3631-Z RENESAS-2SC3631-Z_15 Datasheet
753Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR
logo
JILIN SINO-MICROELECTRO...
2SC5200 JSMC-2SC5200 Datasheet
571Kb / 8P
Silicon NPN Triple Diffused Transistor
logo
New Jersey Semi-Conduct...
2SC510 NJSEMI-2SC510 Datasheet
196Kb / 3P
SILICON NPN TRIPLE DIFFUSED TRANSISTOR
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com