công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LT1994CDD bảng dữ liệu(PDF) 5 Page - Linear Technology

tên linh kiện LT1994CDD
Giải thích chi tiết về linh kiện  Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LT1994CDD bảng dữ liệu(HTML) 5 Page - Linear Technology

  LT1994CDD Datasheet HTML 1Page - Linear Technology LT1994CDD Datasheet HTML 2Page - Linear Technology LT1994CDD Datasheet HTML 3Page - Linear Technology LT1994CDD Datasheet HTML 4Page - Linear Technology LT1994CDD Datasheet HTML 5Page - Linear Technology LT1994CDD Datasheet HTML 6Page - Linear Technology LT1994CDD Datasheet HTML 7Page - Linear Technology LT1994CDD Datasheet HTML 8Page - Linear Technology LT1994CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1994
5
1994fa
FREQUENCY (MHz)
0.1
2
1
0
–1
–2
1
10
100
1994 G06
RF = RI = 499Ω
5pF FROM EACH
OUTPUT TO GROUND
25pF FROM EACH
OUTPUT TO GROUND
VS = 2.5V
VS = 3V
FREQUENCY (MHz)
0.1
2
1
0
–1
–2
1
10
100
1994 G05
RF = RI = 499Ω
VS = 2.5V
VS = 5V
VS = ±5V
VS = 3V
TEMPERATURE (
°C)
–50
–30
–25
–20
–15
–10
–25
025
50
1994 G03
–1.0
–0.5
0
0.5
1.0
75
100
IOS, VS = 3V
IB, VS = 3V
IB, VS = ±5V
IOS, VS = ±5V
TEMPERATURE (
°C)
–50
–750
–500
–250
0
250
500
–25
025
50
1994 G01
75
100
VS = 3V
VCM = 1.5V
VOCM = 1.5V
FOUR TYPICAL UNITS
TEMPERATURE (
°C)
–50
–2.5
0
2.5
5.0
7.5
–25
025
50
1994 G02
75
100
VS = 3V
VCM = 1.5V
VOCM = 1.5V
FOUR TYPICAL UNITS
Differential Input Referred
Voltage Offset vs Temperature
Common Mode Voltage Offset vs
Temperature
Input Bias Current and Input
Offset Current vs Temperature
Gain Bandwidth vs Temperature
Frequency Response vs
Supply Voltage
Frequency Response vs
Load Capacitance
TYPICAL PERFOR A CE CHARACTERISTICS
Note 7: Input Common Mode Range is tested using the Test Circuit of
Figure 1 (RF = RI) by applying a single ended 2VP-P, 1kHz signal to VINP
(VINM = 0), and measuring the output distortion (THD) at the common
mode Voltage Range limits listed in the Electrical Characteristics table,
and confirming the output THD is better than –40dB. The voltage range for
the output common mode range (Pin 2) is tested using the Test Circuit of
Figure 1 (RF = RI) by applying a 0.5V peak, 1kHz signal to the VOCM
Pin 2 (with VINP = VINM = 0) and measuring the output distortion (THD)
at VOUTCM with VOCM biased 0.5V from the VOCM pin range limits listed
in the Electrical Characteristics Table, and confirming the THD is better
than –40dB.
Note 8: Input CMRR is defined as the ratio of the change in the input
common mode voltage at the pins IN+ or IN– to the change in differential
input referred voltage offset. Output CMRR is defined as the ratio of the
change in the voltage at the VOCM pin to the change in differential input
referred voltage offset.
Note 9: Differential Power Supply Rejection (PSRR) is defined as the ratio
of the change in supply voltage to the change in differential input referred
voltage offset. Common Mode Power Supply Rejection (PSRRCM) is
defined as the ratio of the change in supply voltage to the change in the
common mode offset, VOUTCM – VOCM.
Note 10: Output swings are measured as differences between the output
and the respective power supply rail.
Note 11: Extended operation with the output shorted may cause junction
temperatures to exceed the 150°C limit for the MSOP package (or 125°C
for the DD package) and is not recommended.
ELECTRICAL CHARACTERISTICS
TEMPERATURE (
°C)
–50
66
72
71
70
69
68
67
–25
025
50
1994 G04
75
100
VS = 3V
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com