công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9517 bảng dữ liệu(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

tên linh kiện PCA9517
Giải thích chi tiết về linh kiện  LEVEL-TRANSLATING I2C BUS REPEATER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Trang chủ  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

PCA9517 bảng dữ liệu(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  PCA9517 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS PCA9517 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FEATURES
1
2
3
4
5
6
7
8
D PACKAGE
(TOP VIEW)
V
CCA
GND
SDAA
SCLA
V
CCB
EN
SDAB
SCLB
DGK PACKAGE
(TOP VIEW)
1
8
V
CCA
V
CCB
4
5
GND
EN
3
6
SDAA
SDAB
2
7
SCLA
SCLB
DESCRIPTION/ORDERING INFORMATION
PCA9517
LEVEL-TRANSLATING I2C BUS REPEATER
SCPS157A – DECEMBER 2007 – REVISED FEBRUARY 2008
www.ti.com
• Two-Channel Bidirectional Buffer
• Lockup-Free Operation
• I2C Bus and SMBus Compatible
• Accommodates Standard Mode and Fast Mode
I2C Devices and Multiple Masters
• Operating Supply Voltage Range of
0.9 V to 5.5 V on A Side
• Supports Arbitration and Clock Stretching
Across Repeater
• Operating Supply Voltage Range of
2.7 V to 5.5 V on B Side
• Powered-Off High-Impedance I2C Pins
• Voltage-Level Translation From 0.9 V to 5.5 V
• 400-kHz Fast I2C Bus
and 2.7 V to 5.5 V
• Latch-Up Performance Exceeds 100 mA Per
• Footprint and Function Replacement for
JESD 78, Class II
PCA9515A
• ESD Protection Exceeds JESD 22
• Active-High Repeater-Enable Input
–
2000-V Human-Body Model (A114-A)
• Open-Drain I2C I/O
–
200-V Machine Model (A115-A)
• 5.5-V Tolerant I2C and Enable Input Support
–
1000-V Charged-Device Model (C101)
Mixed-Mode Signal Operation
This dual bidirectional I2C buffer is operational at 2.7 V to 5.5 V.
The PCA9517 is a BiCMOS integrated circuit intended for I2C bus and SMBus systems. It can also provide
bidirectional voltage-level translation (up-translation/down-translation) between low voltages (down to 0.9 V) and
higher voltages (2.7 V to 5.5 V) in mixed-mode applications. This device enables I2C and similar bus systems to
be extended, without degradation of performance even during level shifting.
The PCA9517 buffers both the serial data (SDA) and the serial clock (SCL) signals on the I2C bus, thus allowing
two buses of 400-pF bus capacitance to be connected in an I2C application. This device can also be used to
isolate two halves of a bus for voltage and capacitance.
The PCA9517 has two types of drivers—A-side drivers and B-side drivers. All inputs and I/Os are overvoltage
tolerant to 5.5 V, even when the device is unpowered (VCCB and/or VCCA = 0 V).
ORDERING INFORMATION
TA
PACKAGES(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SOIC – D
Tape and reel
PCA9517DR
PD517
–40
°C to 85°C
MSOP – DGK
Tape and reel
PCA9517DGKR
7EA
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - PCA9517

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
Level translating I2C-bus repeater
2004 Oct 05
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
PCA9517 TI1-PCA9517 Datasheet
1Mb / 28P
PCA9517 Level-Translating
More results

Mô tả tương tự - PCA9517

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PCA9517 PHILIPS-PCA9517 Datasheet
107Kb / 13P
Level translating I2C-bus repeater
2004 Oct 05
PCA9517A NXP-PCA9517A Datasheet
118Kb / 19P
Level translating I2C-bus repeater
Rev. 02-5 May 2008
logo
Texas Instruments
PCA9517 TI-PCA9517 Datasheet
451Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A Datasheet
202Kb / 14P
Level-Translating I2C-Bus Repeater
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
Level translating I2C-bus repeater
Rev. 4-9 May 2012
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com