| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC7109CLW bảng dữ liệu(PDF) 12 Page - TelCom Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
TC7109CLW bảng dữ liệu(HTML) 12 Page - TelCom Semiconductor, Inc |
|
12 / 21 page ![]() 3-102 TELCOM SEMICONDUCTOR, INC. TC7109 TC7109A 12-BIT µP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS Figure 8. TC7109A Handshake — Typical UART Interface Timing Figure 7. TC7109A Handshake With SEND INPUT Held Positive = THREE-STATE HIGH IMPEDANCE INTEGRATOR OUTPUT DATA VALID DATA VALID INTERNAL CLOCK INTERNAL LATCH STATUS OUTPUT MODE INPUT INTERNAL MODE SEND INPUT CE/LOAD HBEN HIGH-BYTE DATA LBEN LOW-BYTE DATA = DON'T CARE = THREE-STATE WITH PULL-UP UART NORM TERMINATES UART MODE ZERO CROSSING DETECTED ZERO CROSSING OCCURS SEND SENSED SEND SENSED MODE LOW, NOT IN HANDSHAKE MODE DISABLES OUTPUTS CE/LOAD, HBEN, LBEN MODE HIGH ACTIVATES CE/LOAD, HBEN, LBEN = THREE-STATE HIGH IMPEDANCE INTEGRATOR OUTPUT DATA VALID INTERNAL CLOCK INTERNAL LATCH STATUS OUTPUT MODE INPUT INTERNAL MODE SEND INPUT (UART TBRE) CE/LOAD OUTPUT (UART TBRL) HBEN HIGH-BYTE DATA LBEN LOW-BYTE DATA = DON'T CARE UART NORM TERMINATES UART MODE ZERO CROSSING DETECTED ZERO CROSSING OCCURS SEND SENSED SEND SENSED SEND SENSED DATA VALID |