| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1810CS8 bảng dữ liệu(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1810CS8 bảng dữ liệu(HTML) 3 Page - Linear Technology |
|
3 / 24 page ![]() 3 LT1809/LT1810 TA = 25°C. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply, unless otherwise noted. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS IOS Input Offset Current VCM = V + 0.05 1.2 µA VCM = V – + 0.2V 0.2 4 µA ∆IOS Input Offset Current Shift VCM = V – + 0.2V to V + 0.25 5.2 µA en Input Noise Voltage Density f = 10kHz 16 nV/ √Hz in Input Noise Current Density f = 10kHz 5 pA/ √Hz CIN Input Capacitance 2pF AVOL Large-Signal Voltage Gain VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2 25 80 V/mV VS = 5V, VO = 1V to 4V, RL = 100Ω to VS/2 4 10 V/mV VS = 3V, VO = 0.5V to 2.5V, RL = 1k to VS/2 15 42 V/mV CMRR Common Mode Rejection Ratio VS = 5V, VCM = V – to V + 66 82 dB VS = 3V, VCM = V – to V + 61 78 dB CMRR Match (Channel-to-Channel) (Note 10) VS = 5V, VCM = V – to V + 60 82 dB VS = 3V, VCM = V – to V+ 55 78 dB Input Common Mode Range V – V + V PSRR Power Supply Rejection Ratio VS = 2.5V to 10V, VCM = 0V 71 87 dB PSRR Match (Channel-to-Channel) (Note 10) VS = 2.5V to 10V, VCM = 0V 65 87 dB Minimum Supply Voltage (Note 6) 2.3 2.5 V VOL Output Voltage Swing LOW (Note 7) No Load 12 50 mV ISINK = 5mA 50 120 mV ISINK = 25mA 180 375 mV VOH Output Voltage Swing HIGH (Note 7) No Load 20 80 mV ISOURCE = 5mA 80 180 mV ISOURCE = 25mA 330 650 mV ISC Short-Circuit Current VS = 5V ±45 ±85 mA VS = 3V ±35 ±70 mA IS Supply Current per Amplifier 12.5 17 mA Supply Current, Shutdown VS = 5V, VSHDN = 0.3V 0.55 1.25 mA VS = 3V, VSHDN = 0.3V 0.31 0.90 mA ISHDN SHDN Pin Current VS = 5V, VSHDN = 0.3V 420 750 µA VS = 3V, VSHDN = 0.3V 220 500 µA Output Leakage Current, Shutdown VSHDN = 0.3V 0.1 75 µA VL SHDN Pin Input Voltage Low 0.3 V VH SHDN Pin Input Voltage High VS – 0.5 V tON Turn-On Time VSHDN = 0.3V to 4.5V, RL = 100 80 ns tOFF Turn-Off Time VSHDN = 4.5V to 0.3V, RL = 100 50 ns GBW Gain-Bandwidth Product Frequency = 2MHz 160 MHz SR Slew Rate VS = 5V, AV = –1, RL = 1k, VO = 4VP-P 300 V/ µs FPBW Full Power Bandwidth VS = 5V, VOUT = 4VP-P 23.5 MHz THD Total Harmonic Distortion VS = 5V, AV = 1, RL = 1k, VO = 2VP-P, fC = 5MHz – 86 dB tS Settling Time 0.1%, VS = 5V, VSTEP = 2V, AV = – 1, RL = 500Ω 27 ns ∆G Differential Gain (NTSC) VS = 5V, AV = 2, RL = 150Ω 0.015 % ∆θ Differential Phase (NTSC) VS = 5V, AV = 2, RL = 150Ω 0.05 Deg ELECTRICAL CHARACTERISTICS |