công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OKA/VLK11 bảng dữ liệu(PDF) 12 Page - Altech corporation

tên linh kiện OKA/VLK11
Giải thích chi tiết về linh kiện  Extended/Direct Handle Motor Disconnect Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTECH [Altech corporation]
Trang chủ  http://www.altechcorp.com
Logo ALTECH - Altech corporation

OKA/VLK11 bảng dữ liệu(HTML) 12 Page - Altech corporation

Back Button OKA/VLK11 Datasheet HTML 6Page - Altech corporation OKA/VLK11 Datasheet HTML 7Page - Altech corporation OKA/VLK11 Datasheet HTML 8Page - Altech corporation OKA/VLK11 Datasheet HTML 9Page - Altech corporation OKA/VLK11 Datasheet HTML 10Page - Altech corporation OKA/VLK11 Datasheet HTML 11Page - Altech corporation OKA/VLK11 Datasheet HTML 12Page - Altech corporation OKA/VLK11 Datasheet HTML 13Page - Altech corporation OKA/VLK11 Datasheet HTML 14Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
Black Handle
Yellow/ Red Handle
No. of Poles
General Purpose Current
Maximum Voltage
Motor FLA @ 480V AC
Motor FLA @ 600V AC
Horsepower Rating /HP
110-120V AC
200V AC
208V AC
220-240V AC
265V AC
277V AC
380-415V AC
440-480V AC
550-600V AC
Short Circuit Withstand Rating at 600 V
with Max. Fuse Size/Class:
K5
RK5
RK1
J
Terminal Size Acceptability
(Cu Conductors only, 75°C)
Terminal Torque
Environmental Rating
Enclosure Type Used
Dimensions
Weight
Suitable Accessories
Auxiliary Contacts
KER325UL
KER325UL Y/R
3*
25A
600V AC
17.5A
11A
1 Phase
3 Phase
12
2
5
25
37.5
37.5
37.5
510
7.5
15
5
10
10kA
50A
50A
80A
80A
14-8AWG
16 lb. in.
NEMA Type 4X
H23
1.2kg (2.646 lb)
KU1.V, KU2.V
KER340UL
KER340UL Y/R
3*
40A
600V AC
28A
18A
1 Phase
3 Phase
23
3
7.5
37.5
510
510
510
7.5
15
1020
7.5
15
10kA
50A
50A
80A
80A
14-8AWG
16 lb. in.
NEMA Type 4X
H23
1.2kg (2.646 lb)
KU1.V, KU2.V
These enclosures are ideal where chemicals
are used for cleaning and maintenance such
as food processing plants and breweries.
Mining is another application area. Their
stainless steel construction is extremely
resistant to corrosion, and the enclosure is
also rated to IP66.
Catalog Number
Stainless Steel Enclosed Motor Disconnect Switch
14
(to convert to inches
multiply by 0.03937)
ON
120 mm
108 mm
73 mm
99 mm
*Also available in 4 pole models. Contact Altech for part numbers.
H23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com