| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1MCT2012G bảng dữ liệu(PDF) 2 Page - Adam Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
1MCT2012G bảng dữ liệu(HTML) 2 Page - Adam Technologies, Inc. |
|
2 / 2 page ![]() Adam Technologies, Inc. 909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM 183 SCREW MACHINE SOCKETS & TERMINAL STRIPS ICM SERIES ICM-624-1-GT 1.40 [35.56] 1.60 [40.64] 32 28 .400 [10.16] .700 [17.78] .800 [20.32] 1.00 [25.40] .900 [22.86] 14 16 20 18 8 POSITION A 1.50 [38.10] 1.30 [33.02] .900 [22.86] .800 [20.32] .700 [17.78] .600 [15.24] .300 [7.62] B .400 [10.16] CD .700 [17.78] .100 [2.54] .163 [4.15] .100 [2.54] .178 [4.52] .118 [3.00] .114 [2.91] C ø.020 [0.50] ø .052 [1.32] ø.017 [0.44] C .118 [3.00] .118 [3.00] ø.017 [0.44] .470 [11.96] 6 .300 [7.62] .200 [5.08] .400 [10.16] 10 .500 [12.70] 1.90 [48.26] 40 2.00 [50.80] 2.40 [60.96] 50 2.50 [63.50] 52 1.10 [27.94] 1.20 [30.48] 24 1.00 [25.40] 1.10 [27.94] 22 2.60 [66.04] 52 2.50 [63.50] 1.00 [25.40] 2.50 [63.50] 50 2.40 [60.96] 2.60 [66.04] 2.50 [63.50] .500 [12.70] ROW SPACING .900 [22.86] .400 [10.16] .600 [15.24] .300 [7.62] 24 1.20 [30.48] 1.10 [27.94] 28 1.40 [35.56] 1.30 [33.02] 20 1.00 [25.40] .900 [22.86] 24 28 32 1.20 [30.48] 1.40 [35.56] 1.60 [40.64] 1.10 [27.94] 1.30 [33.02] 1.50 [38.10] 36 1.80 [45.72] 1.70 [43.18] 42 2.10 [53.34] 1.90 [48.26] 48 2.40 [60.96] 2.30 [58.42] ø.027 ~ .035 [0.70 ~ 0.90] .162 [4.13] .118 [3.00] .292 [7.43] A B B D D D B A MCT 1 04 SERIES INDICATOR 1MCT= .039 (1.00mm) Screw machine contact terminal strip HMCT= .050 (1.27mm) Screw machine contact terminal strip 2MCT= .078 (2.00mm) Screw machine contact terminal strip MCT= .100 (2.54mm) Screw machine contact terminal strip BODY STYLE 1 = Single Row Straight 1R = Single Row Right Angle 2 = Dual Row Straight 2R = Dual Row Right Angle POSITIONS Single Row: 01 thru 40 Dual Row: 02 thru 80 TAIL LENGTH 1 = Standard Lengh 2 = Special Lengh, customer specified as tail length/ total length GT PLATING G = Gold Flash overall T = 100u" Tin overall 1 ORDERING INFORMATION SCREW MACHINE TERMINAL STRIPS TMC-624-1-GT ICM SERIES DUAL ROW SOCKET TMC SERIES DUAL ROW TERMINALS Drawings Pg.184-185 Options Pg.182 Photos & |