| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IL2596-AS bảng dữ liệu(PDF) 2 Page - IK Semicon Co., Ltd |
|
|
|||||||||||||||||||||||||||||
IL2596-AS bảng dữ liệu(HTML) 2 Page - IK Semicon Co., Ltd |
|
2 / 12 page IL2596-xx Absolute Maximum Rating (TA = 25 oC) Characteristic Symbol Value Unit Maximum Input Supply Voltage VI 45 V ON/OFF Pin Input Voltage VIN -0.3 ≤ V ≤ +25 V Feedback Pin Voltage -0.3 ≤ V ≤ +25 V Output Voltage to Ground VO -1 V Power Dissipation PD Internally limited W Storage Temperature Range Tstg -65 to +150 oC Operating Temperature Range TJ 40 ≤ TJ ≤ +125 oC Operating Supply Voltage VIN 4.5 to 40 V Typical Aplication (Fixed Output Voltage Versions) 2 Rev. 03 |