công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RG11AP220VAC bảng dữ liệu(PDF) 13 Page - Adam Technologies, Inc.

tên linh kiện RG11AP220VAC
Giải thích chi tiết về linh kiện  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADAM-TECH [Adam Technologies, Inc.]
Trang chủ  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RG11AP220VAC bảng dữ liệu(HTML) 13 Page - Adam Technologies, Inc.

Back Button RG11AP220VAC Datasheet HTML 8Page - Adam Technologies, Inc. RG11AP220VAC Datasheet HTML 9Page - Adam Technologies, Inc. RG11AP220VAC Datasheet HTML 10Page - Adam Technologies, Inc. RG11AP220VAC Datasheet HTML 11Page - Adam Technologies, Inc. RG11AP220VAC Datasheet HTML 12Page - Adam Technologies, Inc. RG11AP220VAC Datasheet HTML 13Page - Adam Technologies, Inc. RG11AP220VAC Datasheet HTML 14Page - Adam Technologies, Inc. RG11AP220VAC Datasheet HTML 15Page - Adam Technologies, Inc. RG11AP220VAC Datasheet HTML 16Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
62
RELAY
POWER RELAY LARGE SIZE-TYPE RPL
R SERIES
INTRODUCTION:
Adam Tech RPL relays are high power, modern relays, available in
industry standard packages and can switch loads up to 30 amps.
Available in both a PCB package and a combination PCB/Quick
Connect terminal package, these relays are designed for
applications such as Spa/Pool controls, HVAC, and large appliances.
FEATURES:
30 Amp Switching capability
PCB and PCB/Top mount packages
Industry Standard footprint
SPECIFICATIONS:
ELECTRICAL:
Contact arrangement: 1 Form A & 1 Form C
Contact material: Silver Alloy
Contact Rating (Resistive load): 30A @ 220V AC
30A @ 30V DC
Max. Switching Voltage: 220V AC / 30V DC
Max. Switching Power: 6600VA / 900W
Contact resistance: 50 m
Ω max. Initial
Insulation resistance: 100 M
Ω min. @ 500V DC
Dielectric withstanding voltage:
Between Coil & Contact: 2500V AC 50/60Hz for 1 min.
Between Contacts: 1500V AC 50/60Hz for 1 min.
Operating time: 15 ms max.
Release time: 10 ms max.
Electrical Life: 100,000 Operations (at rated load)
MECHANICAL:
Vibration resistance (Endurance): 1.5mm Double Amplitude 10-55Hz
Shock resistance: 10G min.
Mechanical Life: 10,000,000 Operations (no load)
TEMPERATURE RATING:
Ambient temperature: -55°C to +85°C
PACKAGING:
Anti-ESD plastic trays
SAFETY AGENCY APPROVALS:
cUL Recognized File No. E305638
ORDERING INFORMATION
POWER RELAY
RPL
1C
P
SERIES INDICATOR
RPL = Power
Relay
CONTACT FORM
1A = 1 form A
1C = 1 form C
TERMINALS
P = PCB Terminals only
TCN = PCB Terminals and
Top Contacts
COIL VOLTAGE
5 = 5V DC
6 = 6V DC
9 = 9V DC
12 = 12V DC
24 = 24V DC
48 = 48V DC
24
®
®
V
D E
UL
®
c
US
RoHS
COMPLIANT
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com