| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F75111RG bảng dữ liệu(PDF) 22 Page - Feature Integration Technology Inc. |
|
|
|||||||||||||||||||||||||||||
F75111RG bảng dữ liệu(HTML) 22 Page - Feature Integration Technology Inc. |
|
22 / 45 page ![]() July, 2007 V0.27P - 20 - F75111 input mode [CR10] will enable GPIO17 edge detection. Default is disable 6 EN_GP16EDGE R/W VSB3V Enable GPIO16 Edge Detector. If this bit set to 1 and GPIO16 set to input mode [CR10] will enable GPIO16 edge detection. Default is disable 5 EN_GP15EDGE R/W VSB3V Enable GPIO15 Edge Detector. If this bit set to 1 and GPIO15 set to input mode [CR10] will enable GPIO15 edge detection. Default is disable 4 EN_GP14EDGE R/W VSB3V Enable GPIO14 Edge Detector. If this bit set to 1 and GPIO14 set to input mode [CR10] will enable GPIO14 edge detection. Default is disable 3 EN_GP13EDGE R/W VSB3V Enable GPIO13 Edge Detector. If this bit set to 1 and GPIO13 set to input mode [CR10] will enable GPIO13 edge detection. Default is disable 2 EN_GP12EDGE R/W VSB3V Enable GPIO12 Edge Detector. If this bit set to 1 and GPIO12 set to input mode [CR10] will enable GPIO12 edge detection. Default is disable. If this bit serves as IRQ/SMI#, this bit has no effect. 1 EN_GP11EDGE R/W VSB3V Enable GPIO11 Edge Detector. If this bit set to 1 and GPIO11 set to input mode [CR10] will enable GPIO11 edge detection. Default is disable 0 EN_GP10EDGE R/W VSB3V Enable GPIO10 Edge Detector. If this bit set to 1 and GPIO10 set to input mode [CR10] will enable GPIO10 edge detection. Default is disable 7.19 GP1X Edge Detector Status Register – Index 0x19 Power-on default [7:0] =0000_0000b Bit Name R/W PWR Description 7 STS_GP17ED GE RW VSB3V Indicate GPIO17 Edge Status. If set to 1, the edge of GPIO17 has occurred. Writing 1 will clear this bit to 0. Writing 0 is invalid. 6 STS_GP16ED GE RW VSB3V Indicate GPIO16 Edge Status. If set to 1, the edge of GPIO16 has occurred. Writing 1 will clear this bit to 0. Writing 0 is invalid. 5 STS_GP15ED GE RW VSB3V Indicate GPIO15 Edge Status. If set to 1, the edge of GPIO15 has occurred. Writing 1 will clear this bit to 0. Writing 0 is invalid. 4 STS_GP14ED GE RW VSB3V Indicate GPIO14 Edge Status. If set to 1, the edge of GPIO14 has occurred. Writing 1 will clear this bit to 0. Writing 0 is invalid. |