công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HSMS-2829 bảng dữ liệu(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HSMS-2829
Giải thích chi tiết về linh kiện  Surface Mount RF Schottky Barrier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2829 bảng dữ liệu(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-2829 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2829 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Quad Capacitance
Capacitance of Schottky diode quads is measured using
an HP4271 LCR meter. This instrument effectively isolates
individual diode branches from the others, allowing ac‑
curate capacitance measurement of each branch or each
diode. The conditions are: 20 mV R.M.S. voltage at 1 MHz.
Avago defines this measurement as “CM”, and it is equiva‑
lent to the capacitance of the diode by itself. The equiva‑
lent diagonal and adjacent capaci‑tances can then be cal‑
culated by the formulas given below.
In a quad, the diagonal capacitance is the capacitance be‑
tween points A and B as shown in the figure below. The
diagonal capacitance is calculated using the following
formula
C1 x C 2
C3 x C 4
CDIAGONAL = _______ + _______
C1 + C 2
C 3 + C 4
1
CADJACENT = C 1 + ____________
1
1
1
–– + –– + ––
C 2 C3 C4
R j =
8.33 X 10 -5 nT
I b + I s
The equivalent adjacent capacitance is the capacitance
between points A and C in the figure below. This capaci‑
tance is calculated using the following formula
C1 x C 2
C3 x C 4
CDIAGONAL = _______ + _______
C1 + C 2
C 3 + C 4
1
CADJACENT = C 1 + ____________
1
1
1
–– + –– + ––
C 2 C3 C4
R j =
8.33 X 10 -5 nT
I b + I s
This information does not apply to cross‑over quad di‑
odes.
C1
C2
C4
C3
A
B
C
SPICE Parameters
Parameter
Units
HSMS-282x
B
V
V
15
C
J0
pF
0.7
E
G
eV
0.69
I
BV
A
1E‑4
I
S
A
2.2E‑8
N
1.08
R
S
Ω
6.0
P
B
V
0.65
P
T
2
M
0.5
Cj
Rj
RS
Rj =
8.33 X 10-5 nT
Ib + Is
where
Ib = externally applied bias current in amps
Is = saturation current (see table of SPICE parameters)
T = temperature,
°K
n = ideality factor (see table of SPICE parameters)
Note:
To effectively model the packaged HSMS-282x product,
please refer to Application Note AN1124.
RS = series resistance (see Table of SPICE parameters)
Cj = junction capacitance (see Table of SPICE parameters)
Linear Equivalent Circuit Model Diode Chip
ESD WARNING:
Handling Precautions Should Be Taken To Avoid Static Discharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com