| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCPL-T250 bảng dữ liệu(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HCPL-T250 bảng dữ liệu(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 7 page ![]() 2 Ordering Information HCPL‑T250 is UL Recognized with 3750 Vrms for 1 minute per UL1577. Option Part RoHS Non RoHS Surface Gull Tape IEC/EN/DIN Number Compliant Compliant Package Mount Wing & Reel EN 60747-5-2 Quantity ‑000E No option 50 per tube ‑300E #300 X X 50 per tube ‑500E #500 X X X 1000 per reel ‑060E #060 X 50 per tube ‑360E #360 X X X 50 per tube ‑560E #560 X X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the op‑ tion column to form an order entry. Example 1: HCPL‑T250‑560E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747‑5‑2 Safety Approval in RoHS compliant. Example 2: HCPL‑T250 to order product of 300 mil DIP package in tube packaging and non RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th July 2001 and RoHS compliant option will use ‘‑XXXE’. HCPL‑T250 300 mil DIP‑8 |