| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT1024 bảng dữ liệu(PDF) 11 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1024 bảng dữ liệu(HTML) 11 Page - Linear Technology |
|
11 / 12 page ![]() 11 LT1024 1024fa Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. D Package 14-Lead Side Brazed (Hermetic) (Reference LTC DWG # 05-08-1210) OBSOLETE PACKAGE D14 0801 .008 – .015 (0.203 – 0.381) .300 (7.620) REF 1 8 2 7 3 6 4 5 .290 (7.366) TYP .760 (19.304) MAX .005 (0.127) MIN 9 10 11 12 13 14 PIN NO. 1 IDENT .485 (12.319) MAX .125 (3.175) MIN .020 – .060 (0.508 – 1.524) .100 (2.54) BSC .165 (4.191) MAX .015 – .023 (0.381 – 0.584) .054 (1.372) TYP PACKAGE DESCRIPTIO |