| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LT337AM bảng dữ liệu(PDF) 11 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT337AM bảng dữ liệu(HTML) 11 Page - Linear Technology |
|
11 / 12 page ![]() 11 137afb LT137A/LM137 LT337A/LM337 Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa- tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. PACKAGE DESCRIPTION .016 – .019** (0.406 – 0.483) DIA .050 (1.270) MAX .165 – .185 (4.191 – 4.699) .500 (12.700) MIN .305 – .335 (7.747 – 8.509) .350 – .370 (8.890 – 9.398) .200 (5.080) TYP 45 H3(TO-39) 0801 .100 (2.540) .100 (2.540) .029 – .045 (0.737 – 1.143) .028 – .034 (0.711 – 0.864) REFERENCE PLANE * LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE AND .050" BELOW THE REFERENCE PLANE FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS .016 – .024 (0.406 – 0.610) * ** PIN 1 K2 (TO-3) 0801 .038 – .043 (0.965 – 1.09) .060 – .135 (1.524 – 3.429) .320 – .350 (8.13 – 8.89) .420 – .480 (10.67 – 12.19) .760 – .775 (19.30 – 19.69) .490 – .510 (12.45 – 12.95) R .167 – .177 (4.24 – 4.49) R .151 – .161 (3.86 – 4.09) DIA, 2PLCS 1.177 – 1.197 (29.90 – 30.40) .655 – .675 (16.64 – 17.15) .067 – .077 (1.70 – 1.96) .210 – .220 (5.33 – 5.59) .425 – .435 (10.80 – 11.05) H Package 3-Lead TO-39 Metal Can (Reference LTC DWG # 05-08-1330) K Package 2-Lead TO-3 Metal Can (Reference LTC DWG # 05-08-1310) OBSOLETE PACKAGES |