công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST72371N4T1 bảng dữ liệu(PDF) 25 Page - STMicroelectronics

tên linh kiện ST72371N4T1
Giải thích chi tiết về linh kiện  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72371N4T1 bảng dữ liệu(HTML) 25 Page - STMicroelectronics

Back Button ST72371N4T1 Datasheet HTML 21Page - STMicroelectronics ST72371N4T1 Datasheet HTML 22Page - STMicroelectronics ST72371N4T1 Datasheet HTML 23Page - STMicroelectronics ST72371N4T1 Datasheet HTML 24Page - STMicroelectronics ST72371N4T1 Datasheet HTML 25Page - STMicroelectronics ST72371N4T1 Datasheet HTML 26Page - STMicroelectronics ST72371N4T1 Datasheet HTML 27Page - STMicroelectronics ST72371N4T1 Datasheet HTML 28Page - STMicroelectronics ST72371N4T1 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
25/94
ST72371/ST72372
I/O PORTS (Cont’d)
4.1.2.5 Analog Alternate Function
When the pin is used as an ADC input the I/O must
be configured as input, floating. The analog multi-
plexer (controlled by the ADC registers) switches
the analog voltage present on the selected pin to
the common analog rail which is connected to the
ADC input.
It is recommended not to change the voltage level
or loading on any port pin while conversion is in
progress. Furthermore it is recommended not to
have clocking pins located close to a selected an-
alog pin.
Warning: The analog input voltage level must be
within the limits stated in the Absolute Maximum
Ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94