công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMP1617CC0 bảng dữ liệu(PDF) 7 Page - FIDELIX

tên linh kiện FMP1617CC0
Giải thích chi tiết về linh kiện  1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FIDELIX [FIDELIX]
Trang chủ  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617CC0 bảng dữ liệu(HTML) 7 Page - FIDELIX

Back Button FMP1617CC0 Datasheet HTML 2Page - FIDELIX FMP1617CC0 Datasheet HTML 3Page - FIDELIX FMP1617CC0 Datasheet HTML 4Page - FIDELIX FMP1617CC0 Datasheet HTML 5Page - FIDELIX FMP1617CC0 Datasheet HTML 6Page - FIDELIX FMP1617CC0 Datasheet HTML 7Page - FIDELIX FMP1617CC0 Datasheet HTML 8Page - FIDELIX FMP1617CC0 Datasheet HTML 9Page - FIDELIX FMP1617CC0 Datasheet HTML 10Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FMP1617CC0(7)
CMOS LPRAM
Revision 0.1
Jun. 2006
7
READ CYCLE (1) (Address controlled,/CS1=/OE=VIL, CS2=/WE=VIH, /UB or/and /LB=VIL)
Address
Data Out
tRC
Previous Data Valid
Data Valid
tAA
tOH
READ CYCLE (2) (CS2=/WE=VIH)
Address
tAA
tCO
tOH
tHZ
/CS1
tRC
1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced
to output voltage levels.
2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device
to device interconnection.
3. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us.
tBA
tOE
tOLZ
tBLZ
tLZ
Data Valid
High-Z
tBHZ
tOHZ
/UB, /LB
/OE
Data Out
CS2
1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced
to output voltage levels.
2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device
to device interconnection.
3. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us.
4. In case page address skew is over 3ns, tPAA will be out of spec.
PAGE READ CYCLE (CS2=/WE=VIH, 16 words access)
A0~A3
tAA
tCO
tBA
tOE
High-Z
tHZ
tBHZ
tOHZ
/CS1
/UB, /LB
/OE
Data Out
tRC
A4~A20
tOH
tPC
tPC
tPC
tPC
tPC
tPC
tPC
tPAA
tPAA
tPAA
tPAA
tPAA
tPAA
tPAA
tLZ
tBLZ
tOLZ
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
tMRC
CS2



Html Pages

1 2 3 4 5 6 7 8 9 10