công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMS6416LAF bảng dữ liệu(PDF) 17 Page - FIDELIX

tên linh kiện CMS6416LAF
Giải thích chi tiết về linh kiện  64M(4Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FIDELIX [FIDELIX]
Trang chủ  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS6416LAF bảng dữ liệu(HTML) 17 Page - FIDELIX

Back Button CMS6416LAF Datasheet HTML 13Page - FIDELIX CMS6416LAF Datasheet HTML 14Page - FIDELIX CMS6416LAF Datasheet HTML 15Page - FIDELIX CMS6416LAF Datasheet HTML 16Page - FIDELIX CMS6416LAF Datasheet HTML 17Page - FIDELIX CMS6416LAF Datasheet HTML 18Page - FIDELIX CMS6416LAF Datasheet HTML 19Page - FIDELIX CMS6416LAF Datasheet HTML 20Page - FIDELIX CMS6416LAF Datasheet HTML 21Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Rev1.3, Nov. 2005
CMS6416LAx-75xx
AC Characteristics
10
tCLKS2
ns
6
tHZ(3)
CL=3
ns
7.5
tHZ(2)
CL=2
ns
15
tRRD
Active Banka to Active Bankb Command
ns
18
tRP
Precharge Command Period
ns
70
tRFC
Auto Refresh Period
ms
64
tREF
Refresh Period(4096 rows)
ns
18
tRCD
Active to Read/Write Delay
ns
70
tRC
Active to Active Command Period
ns
120000
45
tRAS
Active to Precharge Command
ns
-
tHZ(1)
CL=1
Data High Impedance Time[25.]
ns
1.0
tCMH
/CS, /RAS, /CAS, /WE, /DQM Hold Time to Clock
ns
2.0
tCMS
/CS, /RAS, /CAS, /WE, /DQM Setup Time to Clock
ns
1.0
tCDH
Data In Hold Time to Clock
ns
2.0
tCDS
Data In Setup Time to Clock
ns
2.5
tOH
Output Hold Time from Clock
ns
-
tAC(1)
CL=1
ns
7.5
tAC(2)
CL=2
ns
6
tAC(3)
CL=3
Clock Access Time
tCK
1
tBDL
Last data-in to burst STOP command[38.]
tCK
2
tDPL
Data-in to PRECHARGE command[41.]
ns
tWR+tRP
tDAL
Data-in to ACTIVE command[40.]
tCK
0
tDWD
WRITE command to input data delay[38.]
tCK
2
tDQZ
DQM to data high-impedance during READs[38.]
tCK
0
tDQM
DQM to data mask during WRITEs[38.]
tCK
0
tDQD
DQM to input data delay[38.]
tCK
1
tPED
CKE to clock enable or power-down exit setup mode[39.]
tCK
1
tCKED
CKE to clock disable or power-down entry mode[39.]
tCK
1
tCCD
READ/WRITE command to READ/WRITE command[38.]
ns
80
tXSR
Exit Self Refresh to Active Command[37.]
ns
15
tWR
Write Recovery Time[36.]
tCK
2
tWR
Write Recovery Time[35.]
ns
1.2
0.5
tT
Transition Time[34.]
ns
1.0
tCKH
CKE Hold Time to Clock
ns
2.0
tCKS
CKE Setup Time to Clock
ns
1.0
tCAH
Address Hold Time to Clock
ns
2.0
tCAS
Address Setup Time to Clock
ns
2.5
tCL
Clock Low Time
ns
2.5
tCH
Clock High Time
ns
7.5
tCLKS3
Clock Period[33.]
Max
Min
Parameter
Units
-75
Symbol
AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com