công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CMS4A16LAH bảng dữ liệu(PDF) 37 Page - FIDELIX

tên linh kiện CMS4A16LAH
Giải thích chi tiết về linh kiện  128M(8Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FIDELIX [FIDELIX]
Trang chủ  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS4A16LAH bảng dữ liệu(HTML) 37 Page - FIDELIX

Back Button CMS4A16LAH Datasheet HTML 33Page - FIDELIX CMS4A16LAH Datasheet HTML 34Page - FIDELIX CMS4A16LAH Datasheet HTML 35Page - FIDELIX CMS4A16LAH Datasheet HTML 36Page - FIDELIX CMS4A16LAH Datasheet HTML 37Page - FIDELIX CMS4A16LAH Datasheet HTML 38Page - FIDELIX CMS4A16LAH Datasheet HTML 39Page - FIDELIX CMS4A16LAH Datasheet HTML 40Page - FIDELIX CMS4A16LAH Datasheet HTML 41Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
Rev. 0.4, Nov. ‘06
CMS4A16LAx–75xx
37
CLOCK SUSPEND
The clock suspend mode occurs when a column access/
burst is in progress and CKE is registered LOW. In the clock
suspend mode, the internal clock is deactivated, “freezing”
the synchronous logic. For each positive clock edge on which
CKE is sampled LOW, the next internal positive clock edge is
suspended. Any command or data present on the input pins
at the time of a suspended internal clock edge is ignored; any
data present on the DQ pins remains driven; and burst-
counters are not incremented, as long as the clock is sus-
pended. (See examples in Figure 23. and Figure 24. .) Clock
suspend mode is exited by registering CKE HIGH; the internal
clock and related operation will resume on the subsequent
positive clock edge.
BURST READ/SINGLE WRITE
In this mode, all WRITE commands result in the access of a
single column location (burst of one), regardless of the progra-
mmed burst length. The burst read/single write mode is entered
by programming the write burst mode bit (M9) in the mode
register to a logic 1. READ commands access columns
according to the programmed burst length and sequence.
Figure 22. Power Down
Input buffers gated off
CLK
Command
NOP
Active
CKE
>=tCKS
NOP
tCKS
All banks Idle
Enter Power Down Mode
Exit Power Down Mode
tRCD
tRAS
tRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com