| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMS4A16LAH bảng dữ liệu(PDF) 39 Page - FIDELIX |
|
|
|||||||||||||||||||||||||||||
CMS4A16LAH bảng dữ liệu(HTML) 39 Page - FIDELIX |
|
39 / 46 page ![]() Rev. 0.5, May. ‘07 CMS4A16LAx–75Ex 39 Concurrent Auto Precharge If an access command with Auto Precharge is being executed ; an access command (either a Read or Write ) is not allowed by SDRAM’s. If this feature is allowed then the SDRAM supports C o nc urre n t A u t o Pr ec h a r g e. Fid e lix SDRAMs support Concurrent Auto Precharge. Four cases where Concurrent Auto Precharge occurs are de- fined below. Read With Auto Precharge 1. Interrupted by a Read(with or without auto precharge): A read to bank m will interrupt a Read on bank n, CAS latency later. The precharge to bank n will begin when the Read to bank m is registered. (Figure 25. ) 2. Interrupted by a Write(with or without auto precharge): A Write to bank m will interrupt a Read on bank n when registered. DQM should be used two clocks prior to the Write command to prevent bus contention. The Precharge to bank n will begin when the write to bank m is registered. (Figure 26. ) Write with Auto Precharge 3. Interrupted by a Read(with or without auto precharge): A Read to bank m will interrupt a Write on bank n when regis- tered , with the data-out appearing CAS latency later. The Pre- charge to bank n will begin after tWR is met, where tWR begins when the Read to bank m is registered. The last valid Write to bank n will be data-in registered one clock prior to the Read to bank m.(Figure 27. ) 4. Interrupted by a Write ( with or without auto Precharge): A Write to bank m will interrupt a Write on bank n when registered. The Precharge to bank n will begin after tWR is met ,where tWR begins when the Write to bank m is registered. The latest valid data Write to bank n will be data registered one clock prior to a Write to bank m.( Figure 28. ) Figure 24. Clock Suspend During Read Burst - Burst of 4 (CAS latency =2) T0 T1 T2 T3 T4 CLK Command Address Read NOP DQ CKE T5 NOP Internal CLK Bank Col n Dout n+1 Dout n+2 T6 NOP Dout n+3 Dout n NOP NOP |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |