| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATA6842-PLSW bảng dữ liệu(PDF) 20 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATA6842-PLSW bảng dữ liệu(HTML) 20 Page - ATMEL Corporation |
|
20 / 29 page ![]() 20 4964B–AUTO–07/07 ATA6842 7.9 Watchdog The open loop watchdog (window comparator) compares each time interval between a falling and a rising edge with a given reference time interval. The lower window time is between 90 × t WD and 91 × tWD and the upper window time is between 122 × tWD and 123 × tWD (t WD =2/fOSC). The watchdog includes an error counter WDC(2:0) which is incremented by one when there are valid trigger events and decremented by three when there are watchdog errors. If the counter reaches a value of zero (state S0: 000), the warning lamp will be switched on. Relay drivers, TCFET-, low- and high-side drivers are disabled. With a counter value greater than or equal to seven (state S7: 111), the watchdog stops affecting the drivers. In the case of a watchdog timeout (322 × t WD to 323 × tWD), the error counter is immediately set to zero. The ini- tial state of the watchdog counter after power-up or if RESN is low is 110 (state S6). The watchdog can be reset by RSTN. Figure 7-1. State Diagram S0 000 S1 001 S5 101 S6 110 S7 111 S4 100 S3 011 S2 010 bad | timeout bad | timeout bad | timeout timeout timeout timeout good good good good good bad bad bad bad bad good good good timeout |