công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATA5423-PLSW bảng dữ liệu(PDF) 58 Page - ATMEL Corporation

tên linh kiện ATA5423-PLSW
Giải thích chi tiết về linh kiện  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5423-PLSW bảng dữ liệu(HTML) 58 Page - ATMEL Corporation

Back Button ATA5423-PLSW Datasheet HTML 54Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 55Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 56Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 57Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 58Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 59Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 60Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 61Page - ATMEL Corporation ATA5423-PLSW Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
58
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
Figure 9-6.
Timing Diagram for Failed Bit Check (Condition CV_Lim < Lim_min)
Figure 9-7.
Timing Diagram for Failed Bit Check (Condition: CV_Lim
≥ Lim_max)
9.1.6
Duration of the Bit Check
If no transmitter is present during the bit check, the output of the ASK/FSK demodulator delivers
random signals. The bit check is a statistical process and T
Bit-check varies for each check. There-
fore, an average value for T
Bit-check is given in the electrical characteristics. TBit-check depends on
the selected bit-rate range and on T
XDCLK. A higher bit-rate range causes a lower value for
T
Bit-check, resulting in a lower current consumption in RX polling mode.
Start-up mode
T
Sleep
T
Bit_check
T
Startup_Sig_Proc
Bit check mode
Sleep mode
1/2 Bit
RX_ACTIVE
Demod_Out
Bit-check counter
Bit check
(Lim_min = 14, Lim_max = 24)
Bit check failed (CV_Lim < Lim_min)
1 23456 7 8 1 234 5 67 89 101112
0
0
Start-up mode
T
Sleep
T
Bit_check
T
Startup_Sig_Proc
Bit check mode
Sleep mode
1/2 Bit
RX_ACTIVE
Demod_Out
Bit-check counter
Bit check
(Lim_min = 14, Lim_max = 24)
Bit check failed (CV_Lim < Lim_min)
1 2345678 1234 567 89 101112
0
0
131415161718192021222324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100