| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3233B-40U6 bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3233B-40U6 bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 170 page ![]() uPSD3234A, uPSD3234BV, uPSD3233B, uPSD3233BV 38/170 Table 22. Description of the IP Bits Table 23. Description of the IPA Bits Bit Symbol Function 7— Reserved 6— Reserved 5 PT2 Timer 2 Interrupt priority level 4 PS USART Interrupt priority level 3 PT1 Timer 1 Interrupt priority level 2 PX1 External Interrupt (Int1) priority level 1 PT0 Timer 0 Interrupt priority level 0 PX0 External Interrupt (Int0) priority level Bit Symbol Function 7 PDDC DDC Interrupt priority level 6— Not used 5— Not used 4 PS2 2nd USART Interrupt priority level 3— Not used 2— Not used 1 PI2C I²C Interrupt priority level 0 PUSB USB Interrupt priority level |