| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATC18M bảng dữ liệu(PDF) 2 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATC18M bảng dữ liệu(HTML) 2 Page - ATMEL Corporation |
|
2 / 8 page ![]() 2 ATC18M 4262A–AERO–07/03 Delays to tri-state are defined as delay to turn off (VGS < VT) of the driving devices. Output pad drain current corresponds to the output current of the pad when the output voltage is V OL or VOH. The output resistor of the pad and the voltage drop due to access resistors (in and out of the die) are taken into account. In order to have accurate timing estimates, all characterization has been run on electrical netlists extracted from the lay- out database. Standard Cell Library SClib The Atmel Standard Cell Library, SClib, contains a comprehensive set of a combination of logic and storage cells. The SClib library includes cells that belong to the following categories: • Buffers and Gates • Multiplexers •Flip-flops •Scan Flip-flops •Latches • Adders and Subtractors Decoding the Cell Name Table 2 shows the naming conventions for the cells in the SClib library. Each cell name begins with either a two-, three-, or four-letter code that defines the type of cell. This indicates the range of standard cells available. Table 2. Cell Codes Code Description Code Description AD Adder INVB Balanced Inverter AH Half Adder INVT Inverting Tri-state Buffer AS Adder/Subtractor LA D Latch AN AND Gate MI Inverting Multiplexer AOI AND-OR-Invert Gate MX Multiplexer AON AND-OR-AND-Invert Gates ND NAND Gate AOR AND-OR Gate NR NOR Gate BUFB Balanced Buffer OAI OR-AND-Invert Gate BUFF Non-Inverting Buffer OAN OR-AND-OR-Invert Gates BUFT Non-Inverting Tri-state Buffer OR OR Gate CG Carry Generator ORA OR-AND Gate CLK2 Clock Buffer SD Multiplexed Scan D Flip-flop DF D Flip-flop SRLA Set/Reset Latches with NAND input DLA Dual Input Latches SU Subtractor H... SEU Hardened Versions XN Exclusive NOR Gate INV0 Inverter XR Exclusive OR Gate |