| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACS8530 bảng dữ liệu(PDF) 49 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
ACS8530 bảng dữ liệu(HTML) 49 Page - Semtech Corporation |
|
49 / 152 page ![]() ADVANCED COMMUNICATIONS FINAL DATASHEET Revision 3.02/November 2005 © Semtech Corp. Page 49 www.semtech.com ACS8530 SETS Figure 18 Write Access Timing in MULTIPLEXED Mode Table 25 Write Access Timing in MULTIPLEXED Mode (For use with Figure 18) Symbol Parameter MIN TYP MAX tsu1 Set up AD address valid to ALEfalling edge 5 ns - - tsu2 Set up CSBfalling edge to WRBfalling edge 0 ns - - tsu3 Set up AD data valid to WRBrising edge 5 ns - - td2 Delay CSBfalling edge to RDY active - - 13 ns td3 Delay WRBfalling edge to RDYfalling edge - - 15 ns td5 Delay CSBrising edge to RDY high-Z - - 9 ns tpw1 WRB Low time 30 ns 188 ns - tpw2 RDY Low time 15 ns - 173 ns tpw3 ALE High time 5 ns - - th1 Hold AD address valid after ALEfalling edge 9 ns - - th2 Hold CSB Low after WRBrising edge 0 ns - - th3 Hold WRB Low after RDYrising edge 0 ns - - th4 AD data hold valid after WRBrising edge 7 ns - - tp1 Time between ALEfalling edge and WRBfalling edge 0 ns - - tp2 Time between consecutive accesses (WRBrising edge to ALErising edge) 1600 ns - - F8110D_012WriteAccMultiplex_01 CSB ALE Z Z data address X X WRB RDB tpw1 th2 tpw3 tsu1 th1 tsu2 tp1 td3 tsu3 th4 tpw2 th3 AD RDY td2 td5 |