công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACS8522T bảng dữ liệu(PDF) 13 Page - Semtech Corporation

tên linh kiện ACS8522T
Giải thích chi tiết về linh kiện  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8522T bảng dữ liệu(HTML) 13 Page - Semtech Corporation

Back Button ACS8522T Datasheet HTML 9Page - Semtech Corporation ACS8522T Datasheet HTML 10Page - Semtech Corporation ACS8522T Datasheet HTML 11Page - Semtech Corporation ACS8522T Datasheet HTML 12Page - Semtech Corporation ACS8522T Datasheet HTML 13Page - Semtech Corporation ACS8522T Datasheet HTML 14Page - Semtech Corporation ACS8522T Datasheet HTML 15Page - Semtech Corporation ACS8522T Datasheet HTML 16Page - Semtech Corporation ACS8522T Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 5/November 2006 © Semtech Corp.
Page 13
www.semtech.com
ACS8522 SETS LITE
In Revertive mode, if a re-validated (or newly validated)
source has a higher priority than the reference source
which is currently selected, a switch over will take place.
Many applications prefer to minimize the clock switching
events and choose Non-revertive mode.
In Non-revertive mode, when a re-validated (or newly
validated) source has a higher priority then the selected
source will be maintained. The re-validation of the
reference source will be flagged in the sts_sources_valid
register (Reg. 0E and 0F) and, if not masked, will generate
an interrupt. Selection of the re-validated source can take
place under software control or if the currently selected
source fails.
To enable software control, the software should briefly
enable Revertive mode to effect a switch-over to the
higher priority source. When there is a reference available
with higher priority than the selected reference, there will
be NO change of reference source as long as the
Non-revertive mode remains on, and the currently
selected source is valid. A failure of the selected
reference will always trigger a switch-over regardless of
whether Revertive or Non-revertive mode has been
chosen.
Forced Control Selection
A configuration register, force_select_reference_source
Reg. 33, controls both the choice of automatic or forced
selection and the selection itself (when forced selection is
required). For Automatic choice of source selection, the
four LSB bit value is set to all zeros or all ones (default).
To force a particular input the bit value must be set as
follows: 0011 forces SEC1, 0100 forces SEC2, 1000
forces SEC3 and 1001 forces SEC4. Forced selection is
not the normal mode of operation, and the
force_select_reference_source variable is defaulted to
the all-one value on reset, thereby adopting the automatic
selection of the reference source.
Automatic Control Selection
When an automatic selection is required, the
force_select_reference_source register LSB four bits
must be set to all zeros or all ones. The configuration
registers, cnfg_ref_selection_priority (Reg. 19, 1B and
1C), hold 4-bit values which represents the desired
priority of that particular port. Unused ports should be
given the value 0000 in the relevant register to indicate
they are not to be included in the priority table. On
power-up, or following a reset, the whole of the
configuration file will be defaulted to the values defined
by Table 4. The selection priority values are all relative to
each other, with lower-valued numbers taking higher
priorities. Each reference source should be given a unique
number; the valid values are 1 to 15 (dec). A value of zero
disables the reference source. However if two or more
inputs are given the same priority number those inputs
will be selected on a first in, first out basis. If the first of
two same priority number sources goes invalid the second
will be switched in. If the first then becomes valid again, it
becomes the second source on the first in, first out basis,
and there will not be a switch. If a third source with the
same priority number as the other two becomes valid, it
joins the priority list on the same first in, first out basis.
There is no implied priority based on the channel
numbers. Revertive/Non-revertive mode has no effect on
sources with the same priority value.
Ultra Fast Switching
A reference source is normally disqualified after the Leaky
Bucket monitor thresholds have been crossed. An option
for a faster disqualification has been implemented,
whereby if Reg. 48 Bit 5 (ultra_fast_switch) is set, then a
loss of activity of just a few reference clock cycles will set
the main_ref_failed alarm and cause a reference switch.
This can be configured (see Reg. 06, Bit 6) to cause an
interrupt to occur instead of, or as well as, causing the
reference switch.
The sts_interrupts register Reg. 06 Bit 6 (main_ref_failed)
is used to flag inactivity on the reference that the device
is locked to much faster than the activity monitors can
support. If Reg. 48 Bit 6 of the cnfg_monitors register
(los_flag_on_TDO) is set, then the state of this bit is driven
onto the TDO pin of the device.
Note...The flagging of the loss of the main reference failure on
TDO is simply allowing the status of the sts_interrupts bit
main_ref_failed (
Reg. 06, Bit 6) to be reflected in the state of
the TDO output pin. The pin will, therefore, remain High until
the interrupt is cleared. This functionality is not enabled by
default so the usual JTAG functions can be used. When the
TDO output from the ACS8522 is connected to the TDI pin of
the next device in the JTAG scan chain, the implementation
should be such that a logic change caused by the action of the
interrupt on the TDI input should not effect the operation when
JTAG is not active.
Fast External Switching Mode-SRCSW pin
Fast External Switching mode allows fast switching
between inputs SEC1 and SEC2 only. The mode must first
be enabled before switching can take place, and then
switching is controlled via the SRCSW pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com