| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT89C51AC3-RDTIM bảng dữ liệu(PDF) 82 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51AC3-RDTIM bảng dữ liệu(HTML) 82 Page - ATMEL Corporation |
|
82 / 140 page ![]() 82 AT89C51AC3 4383D–8051–02/08 Table 45. WDTRST Register WDTRST (S:A6h Write only) Watchdog Timer Enable Register Reset Value = 1111 1111b Note: The WDRST register is used to reset/enable the WDT by writing 1EH then E1H in sequence without instruction between these two sequences. 7 6 5 4 3 2 1 0 – – – – – – – – Bit Number Bit Mnemonic Description 7 - Watchdog Control Value |