| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T89C5115-RATIM bảng dữ liệu(PDF) 43 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C5115-RATIM bảng dữ liệu(HTML) 43 Page - ATMEL Corporation |
|
43 / 113 page ![]() 43 AT89C5115 4128G–8051–02/08 Sharing Instructions Table 26. Instructions shared Note: by cl : using Column Latch Table 27. Read MOVX A, @DPTR Table 28. Write MOVX @DPTR,A Action RAM ERAM EEPROM DATA Boot FLASH FM0 Hardware Byte XROW Read MOV MOVX MOVX MOVC MOVC MOVC MOVC Write MOV MOVX MOVX - by cl by cl by cl EEE bit in EECON Register FPS in FCON Register ENBOOT ERAM EEPROM DATA Flash Column Latch 0 0 X OK 0 1 X OK 1 0 X OK 1 1 X OK EEE bit in EECON Register FPS bit in FCON Register ENBOOT ERAM EEPROM Data Flash Column Latch 0 0 X OK 0 1 X OK 1 0 X OK 1 1 X OK |