| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP7606ER-L/TR bảng dữ liệu(PDF) 12 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
SP7606ER-L/TR bảng dữ liệu(HTML) 12 Page - Exar Corporation |
|
12 / 17 page ![]() SP7606 12/17/07 rev: A SP7600 ©Copyright 2007 Exar Corporation EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-510-668-7000 page 12 of 17 Type 3 Error amplifier Gain Plot Gain 0 dB Frequency The compensation needs to be such that the Z2 phase boost zero needs to be located around the filter double pole to help offset the filter double pole. But the overall crossover frequency needs to occur below the RHP zero. BOARD LAYOUT AND GROUNDING To obtain the best performance from the SP7606, a printed circuit board with ground plane is required. High quality, low series resistance ceramic bypass capacitors should be used at the Vin and Vout pins (pins 1 and 8). These capacitors must be located as close to the pins as possible. The traces connecting the pins and these capacitors must be kept short and should be made as wide as possible. Below is a Typical Layout for the SP7606. Top Side Bottom Side SP7606 WAVEFORMS |