| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UC2844AD1 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UC2844AD1 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 15 page ![]() Notes : 1. Max package power dissipation limits must be respected; low duty cycle pulse techniques are used during test maintain Tj as close to Tamb as possible. 2. These parameters, although guaranteed, are not 100% tested in production. 3. Parameter measured at trip point of latch with V PIN2 =0. 4. Gain defined as : ∆ VPIN1 A= ; 0 ≤ VPIN3 ≤ 0.8 V ∆ VPIN3 5. Adjust Vi above the start threshold before setting at 15 V. ELECTRICAL CHARACTERISTICS (continued) Symbo l Parameter T est Cond iti ons UC284XA UC384XA Un it Min. Typ. Max. Mi n. Typ. Max. OUTPUT SECTION VOL Output Low Level ISINK = 20mA 0.1 0.4 0.1 0.4 V ISINK = 200mA 1.6 2.2 1.6 2.2 V VOH Output High Level ISOURCE = 20mA 13 13.5 13 13.5 V ISOURCE = 200mA 12 13.5 12 13.5 V VOLS UVLO Saturation VCC = 6V; ISINK = 1mA 0.7 1.2 0.7 1.2 V tr Rise Time Tj =25 °CCL = 1nF (2) 50 150 50 150 ns tf Fall Time Tj =25 °CCL = 1nF (2) 50 150 50 150 ns UNDER-VOLTAGE LOCKOUT SECTION Start Threshold X842A/4A 15 16 17 14.5 16 17.5 V X843A/5A 7.8 8.4 9.0 7.8 8.4 9.0 V Min Operating Voltage After Turn-on X842A/4A 9 10 11 8.5 10 11.5 V X843A/5A 7.0 7.6 8.2 7.0 7.6 8.2 V PWM SECTION Maximum Duty Cycle X842A/3A 94 96 100 94 96 100 % X844A/5A 47 48 50 47 48 50 % Minimum Duty Cycle 0 0 % TOTAL STANDBY CURRENT Ist Start-up Current Vi = 6.5V for UCX843A/45A 0.3 0.5 0.3 0.5 mA Vi = 14V for UCX842A/44A 0.3 0.5 0.3 0.5 mA Ii Operating Supply Current VPIN2 =VPIN3 =0V 12 17 12 17 mA Viz Zener Voltage Ii = 25mA 30 36 30 36 V UC2842A/3A/4A/5A - UC3842A/3A/4A/5A 4/15 |