| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT27C4096 bảng dữ liệu(PDF) 5 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT27C4096 bảng dữ liệu(HTML) 5 Page - ATMEL Corporation |
|
5 / 14 page ![]() 5 0311I–EPROM–12/07 AT27C4096 Note: 1. See the AC Waveforms for Read Operation diagram. 10. AC Waveforms for Read Operation (1) Notes: 1. Timing measurement references are 0.8V and 2.0V. Input AC drive levels are 0.45V and 2.4V, unless otherwise specified. 2. OE may be delayed up to t CE - tOE after the falling edge of CE without impact on tCE. 3. OE may be delayed up to tACC - tOE after the address is valid without impact on tACC. 4. This parameter is only sampled and is not 100% tested. 5. Output float is defined as the point when data is no longer driven. 9. AC Characteristics for Read Operation Symbol Parameter Condition AT27C4096 Units -55 -90 Min Max Min Max t ACC (1) Address to Output Delay CE = OE = V IL 55 90 ns tCE (1) CE to Output Delay OE = VIL 55 90 ns tOE (1) OE to Output Delay CE = VIL 20 35 ns tDF (1) OE or CE High to Output Float, Whichever Occurred First 20 20 ns tOH (1) Output Hold from Address, CE or OE, Whichever Occurred First 70 ns |